Electronic Components Datasheet Search
  English  ▼

X  

CLC014 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC014_03 Datasheet HTML 7Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 8Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 9Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 10Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 11Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 12Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 13Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 14Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Design Guidelines (Continued)
MINIMUM DATA TRANSITIONS
The CLC014 specifies a minimum transition rate. For the
CLC014 this sets the minimum data rate for transmitting data
through any cable medium. The CLC014 minimum average
transition density is found in the Electrical Characteristics
section of the datasheet.
POWER SUPPLY OPERATION AND THERMAL
CONSIDERATIONS
The CLC014 operates from either +5V or −5.2V single sup-
plies. Refer to Figure 1 when operating the part from +5V.
When operating with a −5.2V supply, the V
EE pins should be
bypassed to ground. The evaluation board and associated
literature provide for operation from either supply.
Maximum power dissipation occurs at minimum cable
length. Under that condition, I
CC =58mA.
Total power dissipated:
P
T = (58 mA)(5V) = 290 mW
Power in the load:
P
L = (0.7V)(11 mA) + (37.5)(11 mA)
2 =12mW
Maximum power dissipated on the die:
P
DMAX =PT–PL = 278 mW
Junction Temperature =
(
θ
JA)(278 mW) + TA =T A + 26˚C
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com