Electronic Components Datasheet Search
  English  ▼

X  

CLC014 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC014_03 Datasheet HTML 9Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 10Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 11Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 12Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 13Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 14Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 15Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 16Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Typical Applications (Continued)
DIGITAL VIDEO (SDV) ROUTERS
The CLC014 provides performance that complies with the
SMPTE 259M standard for serial digital video (SDV) trans-
mission over coaxial cable. One common application is in
SDV routers, which provide a switching matrix for connecting
video source equipment (e.g., cameras) to destination equip-
ment (e.g., video tape recorders, monitors, etc.).
Figure 12 shows a typical configuration for an SDV router,
including equalizers, a crosspoint switch, data retimers, and
cable drivers. The CLC014 is used in its standard configu-
ration in this application, and automatically equalizes cable
lengths from zero meters to greater than 300 meters at
360 MHz (see plots in Typical Performance Characteris-
tics section). The equalized outputs are connected to the
differential inputs of the crosspoint switch. The CLC016 Data
Retimer receives the data from the crosspoint and performs
the clock and data recovery functions, further reducing jitter.
Finally, the retimed data is driven into the coaxial cable by a
CLC006 Cable Driver (with two amplitude-adjustable out-
puts) or a CLC007 Cable Driver (with four outputs).
TWISTED PAIR DRIVER
A low-cost medium for transmitting data is twisted pair. Cat-
egory 5 UTP has an attenuation characteristic similar to
Belden 8281 coaxial cable but scaled in length: 120 meters
of Category 5 UTP is roughly equivalent to 300 meters of
Belden 8281 cable. When properly implemented, the
CLC014 will equalize data rates up to 625 Mbps over Cat-
egory 5 UTP. The maximum data rate depends upon the
cable length. A plot of Maximum Data Rate vs Cable Length
is found in the Typical Performance Characteristics sec-
tion for Belden 8281, and can be scaled as stated above to
estimate maximum cable lengths and data rates for UTP.
10005631
FIGURE 11. Typical Repeater Design
10005632
FIGURE 12. Video Routing Block Diagram
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com