Electronic Components Datasheet Search
  English  ▼

X  

CLC014 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC014
Description  Adaptive Cable Equalizer for High-Speed Data Recovery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC014 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC014_03 Datasheet HTML 9Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 10Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 11Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 12Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 13Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 14Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 15Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 16Page - National Semiconductor (TI) CLC014_03 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Evaluation Board
Evaluation boards are available for a nominal charge that
demonstrate the basic operation of the SDI/SDV/SDH de-
vices. The evaluation boards can be ordered through Nation-
al’s Distributors. Supplies are limited, please check for cur-
rent availability.
The SD014EVK evaluation kit for the CLC014, Adaptive
Cable Equalizer for High-Speed Data Recovery, provides an
operating environment in which the cable equalizer can be
evaluated by system / hardware designers. The evaluation
board has all the needed circuitry and connectors for easy
connection and checkout of the device circuit options as
discussed in the CLC014 datasheet. A schematic, parts list
and pictorial drawing are provided with the board.
From the WWW, the following information may be viewed /
downloaded for most evaluation boards: www.national.com/
appinfo/interface
•
Device Datasheet and / or EVK User Manual
•
View a picture of the EVK
•
View the EVK Schematic
•
View the top assembly drawing and BOM
•
View the bottom assembly drawing and BOM
PCB LAYOUT
The CLC014 requires proper high-speed layout techniques
to obtain best results. A few recommended layout rules to
follow for best results when using the CLC014 Adaptive
Cable Equalizer are:
1.
Use a ground plane.
2.
Decouple power pins with 0.01 µF capacitors placed
≤ 0.1” (3mm) from the power pins.
3.
Design transmission lines to the inputs and outputs.
4.
Route outputs away from inputs.
5.
Remove ground plane
≥ 0.025” (0.06mm) from the input
and output pads.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com