Electronic Components Datasheet Search
  English  ▼

X  

CLC016 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC016_02 Datasheet HTML 1Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 2Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 3Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 4Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 5Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 6Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 7Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 8Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC–V EE)
−0.3, +6.0V
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering 4 sec)
+260˚C
ESD Rating (Note 12)
2kV
Package Thermal Resistance
θ
JA 28-Pin PLCC
85˚C/W
θ
JA 28-Pin TSSOP
90˚C/W
θ
JC 28-Pin PLCC
35˚C/W
θ
JC 28-Pin TSSOP
14˚C/W
Reliability Information
MTTF (based on limited life
test data)
2.6 x 10
7 hours
Recommended Operating
Conditions
Supply Voltage (V
CC–V EE)
4.5V to 5.5V
Operating Temperature
CLC016AC
0˚C to +70˚C
CLC016AJ,CLC016
–40˚C to +85˚C
Jitter Transfer Function Fractional
Loop Bandwidth
0.05% to 0.5%
SCO/SCO, SDO/ SDO Minimum
Voltage (Note 13)
V
CC – 1.6V
Electrical Characteristics
(V
CC = 0V, VEE = −5V, RBW = 500
Ω;C
Z = 0.1 µF; CP = 82 pF; R n = 3504, CARS = 0.1 µF; unless specified).
Parameter
Conditions
Typ
+25˚C
Min/Max
+25˚C
Min/Max
Full Temp.
Range
Units
DYNAMIC PERFORMANCE
Residual Jitter
270 Mbps PRN sequence
(Notes 3, 4)
150
250
300
ps
pp
Acquisition Time
270 Mbps PRN sequence
6 x 10
5
bit cells
Minimum Average Data Rate, f
CLK
Full Temperature Range
4.5V
≤ (V
CC −VEE)
≤ 5.5V
(Note 3)
100
Mbps
Minimum Average Data Rate, f
CLK
0to70˚
4.5V
≤ (V
CC −VEE)
≤ 5.5V
40
Mbps
Maximum Average Data Rate, f
CLK
4.5V
≤ (V
CC −VEE)
≤ 5.5V
(Note 3)
400
400
Mbps
Tracking and Capture Range
4.5V
≤ (V
CC −VEE)
≤ 5.5V
(Notes 3, 5)
±8.3
±5.0/
±13.0
±2.5/
±18.0
%f
CLK
VCO Power Supply Sensitivity
(Note 3)
±0.8
±1.2
±1.3
%V
VCO Temperature Sensitivity
±250
ppm/˚C
Jitter Transfer Function −3 dB bandwidth
(Fractional Loop Bandwidth),
λ
BW
R
BW = 100
Ω (Notes 6, 7)
0.05
%f
CLK
R
BW = 500
Ω (Notes 6, 7)
0.25
%f
CLK
R
BW = 1000
Ω (Notes 6, 7)
0.5
%f
CLK
Jitter Transfer Function Peaking
R
BW = 500
Ω, 270 Mbps
(Note 6)
<0.1
dB
STATIC PERFORMANCE
Power Supply Current, I
EE
(Note 3)
105
125
133
mA
Voltage on Selected R
n Resistor
(Note 8)
V
CC −2.2
V
Voltage on Unselected R
n Resistor
(Note 8)
V
CC
V
V
C/VC Common-Mode Voltage, VCM
(Note 8)
V
CC −1.5
V
V
C/VC Diff-Mode Voltage Range, VDM
(Note 8)
±300
mV
DDI/DDI
Input Range Upper Limit, V
H
V
CC
V
Input Range Lower Limit, V
L
V
EE +2.5
V
Minimum Differential Input Amplitude, V∆
200
200
mV
Input Current
(Note 3)
3
6
6
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com