Electronic Components Datasheet Search
  English  ▼

X  

CLC016 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC016_02 Datasheet HTML 8Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 9Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 10Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 11Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 12Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 13Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 14Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 15Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Product Description (Continued)
SER goes high when CD is high and either of the following
conditions is true:
•
The FD is active, causing LHP to go high.
•
The harmonic lock detector determines that the VCO is
running at a harmonic of the input data rate, causing
HLOCK to go high.
Timing diagrams related to locking and unlocking of the PLL
and removal of the input data are given in Figures 8, 9 and
Figure 10. The term t
ACQ in Figure 8 is defined in the Loop
Filter Design section. Also, t
S is the settling time for the
phase error to decay to less than 90˚. It is given by the
following equation:
t
S =RBW xC Z x In(2) + 20 µs
The ARS oscillator period must be greater than the sum of t
ACQ
and t
S:
t
ARS = (140 ms/µF) x CARS > tACQ +tS
The harmonic lock detector senses if the VCO is locked to a
data rate harmonic (integer multiple) by looking for the pres-
ence of bit changes across 3 consecutive periods of CLK as
shown in Case 1 of Figure 11. This event occurs on average
25% of the time in random data. HLOCK goes low if the
occurrence rate is less than 12.5%. When a harmonic lock
condition occurs there is at leasta2µs delay for HLOCK to
go high. Case 2 illustrates the situation where CLK is at the
2nd harmonic of the input data rate and each input bit cell is
double-clocked. Bit changes across three consecutive peri-
ods are never detected and HLOCK goes high.
During intervals of sparse data transitions, the harmonic lock
detector may cause SER to go high. An example of this is
the pathological pattern associated with the SMPTE 259M
video industry standard. For an interval of 50 µs, the input
data transitions can be separated by 20-bit cells; and it
appears to the harmonic lock detector as though the VCO is
at a harmonic rate. So long as these intervals do not exceed
the period of the ARS oscillator, the ARS sub-system will not
increment the 2-bit counter. T
ARS must be the greater of
the value calculated by the above equation of the sparse
data pattern interval. Figure 12 shows a timing diagram
relating to sparse data transition intervals.
In auto-rate mode the user can monitor the RD0/1 bus to
determine the automatically selected data rate. Refer to
Table 3 for the correspondence between the data bus state
and the selected rate resistor.
10008719
FIGURE 7. Auto-Rate Select
10008720
FIGURE 8. Data Rate Applied or Moves
within PLL Capture
10008721
FIGURE 9. Data Rate Moves beyond the
PLL Tracking Range
10008722
FIGURE 10. Input Data Removed
10008723
FIGURE 11. Harmonic Lock Detector Operation
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com