Electronic Components Datasheet Search
  English  ▼

X  

CLC016 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC016
Description  Data Retiming PLL with Automatic Rate Selection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC016 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC016_02 Datasheet HTML 7Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 8Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 9Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 10Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 11Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 12Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 13Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 14Page - National Semiconductor (TI) CLC016_02 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Product Description (Continued)
As an example, assume that the amount of jitter peaking that
can be tolerated is 0.05 dB. From the jitter peaking design
equation (or from Figure 6) the required value of
α is:
α . 0.05[0.134 + (0.058)(0.05)] = 0.007
Now assuming that the loop bandwidth is 644 kHz and that
the value of R
BW is 500
Ω, the value of C
Z is:
The value of C
Z also affects the acquisition performance of
the PLL. Estimate the acquisition time with the following
equation:
where t
ACQ xfCLK is the acquisition time in number of bit
cells.
Selecting C
P
Capacitor C
P establishes a high frequency pole in the loop
filter to remove high frequency spectral components from the
phase detector. The pole frequency f
P is:
In general, the pole should be set at least a factor of 4 above
the PLL bandwidth, f
BW. Therefore, select CP using:
For example, if R
BW is 500
Ω and f
BW is 644 kHz, then an
appropriate value for C
P is:
Choosing a value for C
P larger than the value recommended
by the selection equation will introduce jitter peaking. Reduc-
ing the value of C
P below that recommended by the selec-
tion equation is acceptable, but will result in some increase
in jitter. This is most noticeable with large fractional loop
bandwidths.
In addition, C
P can affect the ability of the PLL to acquire
lock, especially at high data rates. Because of this, it is
recommended to eliminate C
P entirely for the condition of
high data rate (>300 Mbps) combined with narrow loop
bandwidth (<0.1%).
Multiple Rate Considerations
R
BW establishes the fractional loop bandwidth. For a fixed
value of R
BW,fBW will vary with the selected data rate. The
location of the critical frequencies f
Z and f P, however, are
independent of data rate.
To control jitter peaking for all multi-rate application choose:
•
the value of C
Z for the smallest value of fBW (which is
obtained at the lowest data rate).
•
the value of C
P for the largest value of fBW (which is
obtained at the highest data rate).
Loop Filter Element Summary Table
The table below summarizes the recommended loop filter
element values for each of the four SMPTE 259M data rates
and a fractional loop bandwidth of 0.25%. The final row of
the table gives the recommended values for the multi-rate
case, where all four of the SMPTE rates are configured.
Data Rate
(Mbps)
f
BW
(kHz)
R
BW
(
Ω)
C
Z
(µF)
C
P
(pF)
143
358
500
0.10
200
177
443
500
0.10
160
270
675
500
0.047
100
360
900
500
0.04
82
143–360
0.25% f
CLK
500
0.10
82
Component Types and Tolerances
It is recommended that R
BW resistors have tolerances of 1%
and temperature coefficients of
≤100 ppm/˚C. The recom-
mended capacitors are ceramic surface mount with 5% tol-
erance or better.
AUTO-RATE SELECTION
Auto Rate Mode (ARM)
This section provides more detail on the ARS sub-system
and how to use it. Figure 7 shows a detailed view of the ARS
portion of the Figure 3 block diagram
The auto-rate mode is enabled by connecting AUTO to V
CC
and SER to ACQ/WR through the 1 k
Ω/1 nF network. When
the VCO is not at the input data rate, SER goes high en-
abling the ARS oscillator and the Latch. The oscillator incre-
ments the 2-bit counter and causes the VCO to sequence
through the rates determined by resistor R
n (beginning at the
currently selected rate and advancing the index, n, upward).
The oscillator period (T
ARS) is determined by CARS. When
the VCO rate is at the input data rate, SER goes low and
ceases to increment the counter.
10008718
FIGURE 6. Jitter Peaking Curve
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com