Electronic Components Datasheet Search
  English  ▼

X  

CLC018 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC018
Description  8 x 8 Digital Crosspoint Switch, 1.485 Gbps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC018 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC018 Datasheet HTML 9Page - National Semiconductor (TI) CLC018 Datasheet HTML 10Page - National Semiconductor (TI) CLC018 Datasheet HTML 11Page - National Semiconductor (TI) CLC018 Datasheet HTML 12Page - National Semiconductor (TI) CLC018 Datasheet HTML 13Page - National Semiconductor (TI) CLC018 Datasheet HTML 14Page - National Semiconductor (TI) CLC018 Datasheet HTML 15Page - National Semiconductor (TI) CLC018 Datasheet HTML 16Page - National Semiconductor (TI) CLC018 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Operation (Continued)
CALCULATING THE POWER DISSIPATION IN AN
EXPANDED ARRAY
The CLC016 dissipates about 100 mW per active output plus
about 50 mW quiescent power. With all outputs active, this is
about 850 mW. In an expanded array, all devices will dissi-
pate quiescent power, but only those devices with active
outputs will dissipate the 100 mW/output. So, an N-by-M
device array (an 8xN-input-by-8xM-output switch) with all
outputs active will dissipateNxMx50mW+8xMx100
mW. A 32-input x 32-output (4 x 4 device) switch array
dissipates4x4x50mW+8x4x100 mW=4W.
CONTROLLED IMPEDANCE TRANSMISSION LINES
AND OTHER LAYOUT TECHNIQUES
All transmission lines whose length is greater than 1⁄4 wave-
length of the highest frequencies present in the transmitted
signal require proper attention to impedance control to avoid
distortion of the signal. Digital signals are especially suscep-
tible to distortion due to poorly controlled line characteristics
and reflections. With its 250 ps output transitions, which
imply a bandwidth of 4 GHz or more, transmission lines
driven by the CLC018 must be carefully designed and cor-
rectly terminated. Either microstrip line, which resides on the
outer surfaces of a printed circuit board and paired with an
image ground plane, or stripline, which is sandwiched in an
inner layer between image ground planes, may be used in
CLC018 designs. With either line type, it is important to
maintain a uniform characteristic impedance over the entire
extent of the transmission line system. Likewise, the receiv-
ing end of these lines must be terminated in a resistance
equal to the characteristic impedance to preserve signal
fidelity. Figure 14 shows representative methods of interfac-
ing to and from the CLC018.
Often, when voltage-mode drivers, such as ECL, with low
output impedance (also called equivalent generator resis-
tance) are used to drive bus networks, a series resistor
connects the output of the amplifier to the transmission line.
This resistor serves both as a termination for any signals
travelling toward the source- end of the line and as the series
leg of a voltage divider (with the transmission line as the
shunt leg) to reduce the transmitted signal level. This resis-
tor’s correct value is Z
O −R OUT. However, a value equal to
Z
O may be used successfully in most situations. The receiv-
ing end of the line is terminated in a resistance equal to the
value of Z
O of the receiving end of the line. A resistance
equal to the line’s Z
O works in most situations. In cases
where the bus is heavily loaded, the receiving end termina-
tion’s value may need to be reduced to the loaded- Z
O of the
line. (Please see the material on distributed loading effects
on line characteristics in the Fairchild F100K ECL 300 Series
Databook and Design Guide).
Current-mode drivers, with their high equivalent generator
resistance, when used as bus drivers require a resistance
equal to Z
O at each end of the bus to either power or ground
as appropriate for the design.
A detailed discussion of digital transmission line design tech-
niques is beyond the scope of this data sheet, but many
good references are available from National Semiconductor
and others. Extensive material is available in the National
Interface Databook, the Fairchild F100K ECL 300 Series
Databook and Design Guide and the Motorola MECL Sys-
tem Design Handbook.
Especially useful is the National Semiconductor Transmis-
sion Line RAPIDESIGNERr Sliderule and user manual AN-
905. The RAPIDESIGNER is available by calling the Na-
tional Semiconductor Customer Response Center in your
area and asking for either Literature Number 633200-001
(ISO Metric units) or 633201-001 (English units). The User
Manual for both versions is Literature Number 100905-002
and is available on our WEB Site at http://www.national.com
as AN-905.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com