Electronic Components Datasheet Search
  English  ▼

X  

CLC018 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC018
Description  8 x 8 Digital Crosspoint Switch, 1.485 Gbps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC018 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC018 Datasheet HTML 9Page - National Semiconductor (TI) CLC018 Datasheet HTML 10Page - National Semiconductor (TI) CLC018 Datasheet HTML 11Page - National Semiconductor (TI) CLC018 Datasheet HTML 12Page - National Semiconductor (TI) CLC018 Datasheet HTML 13Page - National Semiconductor (TI) CLC018 Datasheet HTML 14Page - National Semiconductor (TI) CLC018 Datasheet HTML 15Page - National Semiconductor (TI) CLC018 Datasheet HTML 16Page - National Semiconductor (TI) CLC018 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Configuration Truth Table
IA2
IA1
IA0
OA2
OA1
OA0
TRI
RES
LOAD
CNFG
CS
Condition of Device
X
X
X
X
X
X
X
X
X
X
0
NO CHANGE
XXXXXX
0
I
X
X
1
Load I/P 0 to All O/Ps
XXXXXX
1
I
X
X
1
TRI-STATE All O/P 0
XXX
0
0
0
1
0
I
0
1
TRI-STATE O/P 0
XXX
0
0
1
1
0
I
0
1
TRI-STATE O/P 1
XXX
0
1
0
1
0
I
0
1
TRI-STATE O/P 2
XXX
C
BA
1
0
I
0
1
TRI-STATE O/P CBA
••••••
•
•
•
•
•
•
RQ
P
C
B
A
0
0
I
0
1
Load I/P PQR to O/P
CBA and Enable O/P
CBA
••••••
•
•
•
•
•
•
000000
0
0
I
0
1
Load I/P 0 to O/P 0
000001
0
0
I
0
1
Load I/P 0 to O/P 1
000010
0
0
I
0
1
Load I/P 0 to O/P 2
000011
0
0
I
0
1
Load I/P 0 to O/P 3
000100
0
0
I
0
1
Load I/P 0 to O/P 4
000101
0
0
I
0
1
Load I/P 0 to O/P 5
000110
0
0
I
0
1
Load I/P 0 to O/P 6
000111
0
0
I
0
1
Load I/P 0 to O/P 7
001000
0
0
I
0
1
Load I/P 1 to O/P 0
001001
0
0
I
0
1
Load I/P 1 to O/P 1
001010
0
0
I
0
1
Load I/P 1 to O/P 2
001011
0
0
I
0
1
Load I/P 1 to O/P 3
••••••
•
•
•
•
•
•
001111
0
0
I
0
1
Load I/P 1 to O/P 7
••••••
•
•
•
•
•
•
111110
0
0
I
0
1
Load I/P 7 to O/P 6
111111
0
0
I
0
1
Load I/P 7 to O/P 7
XXXXXX
X0
0
I
1
Activate New
Configuration
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com