Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-1 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC1069-1
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 5 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1164-5
5
11645fc
FREQUENCY (kHz)
0.1
–4.0
–3.0
–2.0
–1.0
0
110
1164-5 G12
–3.5
–2.5
–1.5
–0.5
0.5
B
A
D
C
E
A. fCLK = 200kHz
fCUTOFF = 2kHz
B. fCLK = 300kHz
fCUTOFF = 3kHz
C. fCLK = 500kHz
fCUTOFF = 5kHz
D. fCLK = 750kHz
fCUTOFF = 7.5kHz
E. fCLK = 1MHz
fCUTOFF = 10kHz
VS = ±5V
100:1
TA = 25°C
FREQUENCY (kHz)
1
–4.0
–3.0
–2.0
–1.0
0
10
1164-5 G14
–3.5
–2.5
–1.5
–0.5
0.5
D
A
C
B
A. fCLK = 250kHz
fCUTOFF = 5kHz
B. fCLK = 500kHz
fCUTOFF = 10kHz
C. fCLK = 750kHz
fCUTOFF = 15kHz
D. fCLK = 1MHz
fCUTOFF = 20kHz
VS = SINGLE 5V
50:1
TA = 25°C
20
FREQUENCY (kHz)
0.5
–4.0
–3.0
–2.0
–1.0
0
1
10
–3.5
–2.5
–1.5
–0.5
0.5
VS = ±5V
fCLK = 1MHz (100:1)
fCUTOFF = 10kHz
TA = –40°C
TA = 70°C
1164-5 G13
FREQUENCY (kHz)
1
–4.0
–3.0
–2.0
–1.0
0
10
1164-5 G11
–3.5
–2.5
–1.5
–0.5
0.5
VS = ±5V
fCLK = 1MHz
fCUTOFF = 20kHz
TA = –40°C
TA = 70°C
20
FREQUENCY (kHz)
1
–1.0
0
1164-5 G10
–2.0
–3.0
–4.0
10
–1.5
–0.5
0.5
–2.5
–3.5
A. fCLK = 250kHz
fCUTOFF = 5kHz
B. fCLK = 500kHz
fCUTOFF = 10kHz
C. fCLK = 750kHz
fCUTOFF = 15kHz
D. fCLK = 1MHz
fCUTOFF = 20kHz
VS = ±5V
50:1
TA = 25°C
A
B
C
D
20
FREQUENCY (kHz)
0.1
–4.0
–3.0
–2.0
–1.0
0
110
1164-5 G09
–3.5
–2.5
–1.5
–0.5
0.5
A. fCLK = 150kHz
fCUTOFF = 1.07kHz
B. fCLK = 450kHz
fCUTOFF = 3.21kHz
C. fCLK = 750kHz
fCUTOFF = 5.36kHz
D. fCLK = 1MHz
fCUTOFF= 7.14kHz
E. fCLK = 1.5MHz
fCUTOFF = 10.71kHz
VS = ±7.5V, 140:1
(BESSEL RESPONSE)
TA = 25°C
B
D
A
C
E
Passband vs Frequency and fCLK
Passband vs Frequency and fCLK
Passband vs Frequency and fCLK
Maximum Passband over
Temperature for VS = ±5V, 50:1
Maximum Passband over
Temperature for VS = ±5V, 100:1
Passband vs Frequency and fCLK
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com