Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-1 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC1069-1
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 1 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1164-5
1
11645fc
Low Power 8th Order
Pin Selectable Butterworth
or Bessel Lowpass Filter
Butterworth 20kHz Anti-Aliasing Filter
■
Pin Selectable Butterworth or Bessel Response
■ 4mA Supply Current with
±5V Supplies
■ fCUTOFF up to 20kHz
■
100
µVRMS Wideband Noise
■ THD < 0.02% (50:1, VS = ±7.5V, VIN = 2VRMS)
■ Operates with a Single 5V Supply (1VRMS Input
Range)
■ 60
µVRMS Clock Feedthrough (Single 5V Supply)
■ Operates up to
±8V Supplies
■
TTL/CMOS-Compatible Clock Input
■ No External Components
■ Available in 14-Pin DIP and 16-Pin SO Wide
Packages
The LTC
®1164-5 is a monolithic 8th order filter; it approxi-
mates either a Butterworth or a Bessel lowpass response.
The LTC1164-5 features clock-tunable cutoff frequency
and low power consumption (4.5mA with
±5V supplies
and 2.5mA with single 5V supply).
Low power operation is achieved without compromising
noise or distortion performance. With
±5V supplies and
10kHz cutoff frequency, the operating signal-to-noise
ratio is 86dB and the THD throughout the passband is
0.015%. Under the same conditions, a 77dB signal-to-
noise ratio and distortion is obtained with a single 5V
supply while the clock feedthrough is kept below the noise
level. The maximum signal-to-noise ratio is 92dB.
The LTC1164-5 approximates an 8th order Butterworth
response with a clock-to-cutoff frequency ratio of 100:1
(Pin 10 to V
–) or 50:1 double-sampled (Pin 10 to V+ and
Pin 1 shorted to Pin 13). Double-sampling allows the input
signal frequency to reach the clock frequency before any
aliasing occurrence. An 8th order Bessel response can
also be approximated with a clock-to-cutoff frequency
ratio of 140:1 (Pin 10 to ground). With
±7.5V supply, ±5V
supply and single 5V supply, the maximum clock fre-
quency of the LTC1164-5 is 1.5MHz, 1MHz and 1MHz
respectively. The LTC1164-5 is pin-compatible with the
LTC1064-2 and LTC-1064-3.
Frequency Response
■ Anti-Aliasing Filters
■
Battery-Operated Instruments
■ Telecommunications Filters
■ Smoothing Filters
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FREQUENCY (kHz)
1
0
–10
–20
–30
–40
–50
–60
–70
–80
10
100
1164-5 TA02
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1164-5
VIN
8V
NC
–8V
CLK = 1MHz
TO V+
VOUT
WIDEBAND NOISE = 110
µVRMS
THD IN PASSBAND < 0.02% AT VIN = 2VRMS
NOTE: THE CONNECTION FROM PIN 7 TO PIN 14
SHOULD BE MADE UNDER THE PACKAGE.
FOR 50:1 OPERATION CONNECT PIN 1 TO PIN 13
AS SHOWN. FOR 100:1 OR 150:1 OPERATION PINS 1
AND 13 SHOULD FLOAT. THE POWER SUPPLIES
SHOULD BE BYPASSED BY A 0.1
µF CAPACITOR AS
CLOSE TO THE PACKAGE AS POSSIBLE.
1164-5 TA01


Similar Part No. - LTC1069-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
logo
Analog Devices
LTC1069-1 AD-LTC1069-1 Datasheet
176Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
REV A
LTC1069-1 AD-LTC1069-1 Datasheet
142Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
REV A
LTC1069-1 AD-LTC1069-1 Datasheet
140Kb / 12P
Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
REV B
More results

Similar Description - LTC1069-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com