Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-1 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC1069-1
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices LTC1069-1 Datasheet HTML 10Page - Analog Devices LTC1069-1 Datasheet HTML 11Page - Analog Devices LTC1069-1 Datasheet HTML 12Page - Analog Devices LTC1069-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1164-5
9
11645fc
1k
1164-5 F03
LT1056
Figure 3. Buffer for Filter Output
PI FU CTIO S
Butterworth/Bessel (Pin 10)
The DC level at Pin 10 determines the ratio of the clock
frequency to the cutoff frequency of the filter. Pin 10 at V
+
gives a 50:1 ratio and a Butterworth response (pins 1 to 13
are shorted for 50:1 only). Pin 10 at V
– gives a 100:1
Butterworth response. Pin 10 at ground gives a Bessel
response and a ratio of 140:1. For single supply operation
the ratio is 50:1 when Pin 10 is at V
+ (Pins 1 to 13 shorted),
100:1 when Pin 10 is at ground, and 140:1 when at 1/2
supply. When Pin 10 is not tied to ground, it should be
bypassed to analog ground with a 0.1
µF capacitor. If the
DC level at Pin 10 is switched mechanically or electrically
at slew rates greater than 1V/
µs while the device is
operating, a 10k resistor should be connected between
Pin 10 and the DC source.
Filter Input (Pin 2)
The input pin is connected internally through a 100k
resistor tied to the inverting input of an op amp.
Filter Output (Pins 9, 6)
Pin 9 is the specified output of the filter; it can typically
source or sink 1mA. Driving coaxial cables or resistive
loads less than 20k will degrade the total harmonic distor-
tion of the filter. When evaluating the device’s distortion an
output buffer is required. A noninverting buffer, Figure 3,
can be used provided that its input common mode range
is well within the filter’s output swing. Pin 6 is an interme-
diate filter output providing an unspecified 6th order
lowpass filter. Pin 6 should not be loaded.
External Connection (Pins 7, 14 and 1, 13)
Pins 7 and 14 should be connected together. In a printed
circuit board the connection should be done under the IC
package through a short trace surrounded by the analog
ground plane. When the clock to cutoff frequency ratio is
set at 50:1, Pin 1 should be shorted to Pin 13; if not, the
passband will exhibit 1dB of gain peaking and it will deviate
from a Butterworth response. Pin 1 is the inverting input
of an internal op amp and it should preferably be 0.2 inches
away from any other circuit trace.
NC (Pin 8)
Pin 8 is not connected to any internal circuit point on the
device and should be preferably tied to analog ground.
Table 2. Output Clock Feedthrough
VS
50:1
100:1
±2.5V
60
µVRMS
60
µVRMS
±5V
100
µVRMS
200
µVRMS
±7.5V
150
µVRMS
500
µVRMS
Note: The clock feedthrough at
±2.5V supplies is imbedded in the
wideband noise of the filter. The clock waveform is a square wave.
APPLICATIO S I FOR ATIO
Clock Feedthrough
Clock feedthrough is defined as, the RMS value of the
clock frequency and its harmonics that are present at the
filter’s output pin (Pin 9). The clock feedthrough is tested
with the input pin (Pin 2) grounded and, it depends on PC
board layout and on the value of the power supplies. With
proper layout techniques the values of the clock feedthrough
are shown in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com