Electronic Components Datasheet Search
  English  ▼

X  

LT1362 Datasheet(PDF) 1 Page - Analog Devices

Part # LT1362
Description  1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1362 Datasheet(HTML) 1 Page - Analog Devices

  LT1362 Datasheet HTML 1Page - Analog Devices LT1362 Datasheet HTML 2Page - Analog Devices LT1362 Datasheet HTML 3Page - Analog Devices LT1362 Datasheet HTML 4Page - Analog Devices LT1362 Datasheet HTML 5Page - Analog Devices LT1362 Datasheet HTML 6Page - Analog Devices LT1362 Datasheet HTML 7Page - Analog Devices LT1362 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1560-1
sn15601 15601fs
1MHz/500kHz
Continuous Time,
Low Noise, Lowpass Elliptic Filter
FEATURES
s
5th Order, 1MHz Elliptic Filter in SO-8 Package
s
Pin Selectable 1MHz/500kHz Cutoff Frequency
s
Signal-to-Noise Ratio (SNR): 75dB
s
Signal-to-Noise Ratio with – 63dB THD: 69dB
s
Passband Ripple (fCUTOFF = 1MHz): ±0.3dB
s
Stopband Attenuation Better Than 60dB
s
No External Components Required
either 500kHz (Pin 5 to V +) or 1MHz (Pin 5 to V –). When
programmed for 1MHz, the passband ripple is typically
±0.2dB up to 0.55fCUTOFF and ±0.3dB to 0.9fCUTOFF. The
transition band gain is – 24dB at 1.4fCUTOFF and – 51dB at
2fCUTOFF. Stopband attenuation is 63dB at 2.43fCUTOFF and
above, remaining at least 60dB to 10MHz with proper
board layout. When the LTC1560-1 is programmed for
fCUTOFF = 500kHz, the filter response closely follows the
1MHz case with the exception of passband flatness near
the cutoff frequency; the gain at fCUTOFF is – 1.3dB.
The LTC1560-1, unlike other high frequency filters, is
designed for low noise and low distortion. With a 1VRMS
input signal, the signal-to-noise ratio is 69dB and the THD
is – 63dB. The maximum SNR of 75dB is obtained with a
2.1VRMS input signal. This results in – 46dB THD.
The LTC1560-1 operates with
±5V supplies, has a power
saving mode and is available in an SO-8 surface mount
package.
Other cutoff frequencies from 450kHz to 1.5MHz can be
obtained. Demo board DC135A is available for the
LTC1560-1. For more information please contact LTC
Marketing.
FREQUENCY (MHz)
0.1
–90
–70
–50
–30
–10
110
1560-1 TA02
10
–80
–60
–40
–20
0
fCUTOFF = 1MHz/500kHz
Frequency Response
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
DESCRIPTION
The LTC
®1560-1 is a 5th order, continuous-time, lowpass
filter.
The elliptic transfer function of the LTC1560-1 was
carefully chosen to reach a compromise between selectiv-
ity, for antialiasing applications, and transient response.
The filter cutoff frequency, fCUTOFF, is pin selectable to
s
Antialiasing Filters
s
Smoothing or Reconstruction Filters
s
Communication Filters
APPLICATIONS
VIN
VOUT
5V
(OR – 5V)
0.01
µF
0.1
µF
0.1
µF
–5V
1560-1 TA01
0.01
µF
–5V
1MHz
5V
500kHz
GND
V –
V +
GND
VIN
1
4
3
2
8
5
6
7
VOUT
SHDN
0.5fC/fC
LTC1560-1
1MHz/500kHz Elliptic Lowpass Filter


Similar Part No. - LT1362

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1362 LINER-LT1362 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
logo
Linear Integrated Syste...
LT1362 LINEAR-LT1362 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1362 LINER-LT1362 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/s Op Amps
LT1362 LINER-LT1362 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1362CN LINER-LT1362CN Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
More results

Similar Description - LT1362

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1565-31 LINER-LTC1565-31_15 Datasheet
188Kb / 12P
650kHz Continuous Time, Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com