Electronic Components Datasheet Search
  English  ▼

X  

LT1362 Datasheet(PDF) 3 Page - Analog Devices

Part # LT1362
Description  1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1362 Datasheet(HTML) 3 Page - Analog Devices

  LT1362 Datasheet HTML 1Page - Analog Devices LT1362 Datasheet HTML 2Page - Analog Devices LT1362 Datasheet HTML 3Page - Analog Devices LT1362 Datasheet HTML 4Page - Analog Devices LT1362 Datasheet HTML 5Page - Analog Devices LT1362 Datasheet HTML 6Page - Analog Devices LT1362 Datasheet HTML 7Page - Analog Devices LT1362 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1560-1
sn15601 15601fs
FREQUENCY (MHz)
0.1
0
0.2
0.4
0.6
0.5
1560-1 G03
– 0.2
– 0.4
– 0.6
0.2 0.3 0.4
0.6 0.7 0.8 0.9 1.0
fCUTOFF = 1MHz
FREQUENCY (MHz)
0
–40
–30
–20
2.0
1560-1 G02
–50
–60
–80
–90
0.5
1.0
1.5
–70
0
10
–10
fCUTOFF = 500kHz
Frequency Response
Passband Gain
Group Delay
Passband Gain
FREQUENCY (MHz)
–1.4
–1.2
– 0.8
– 0.6
– 0.4
0.3
0.4
0.4
1560-1 G04
–1.0
0.2
0.1
0.5
– 0.2
0
0.2
fCUTOFF = 500kHz
FREQUENCY (MHz)
0
0
0.25
0.75
1.00
1.25
0.2
0.4 0.5 0.6 0.7 0.8 0.9 1.0
2.25
1560-1 G06
0.50
0.1
0.3
1.50
1.75
2.00
fCUTOFF = 500kHz
FREQUENCY (MHz)
0
–40
–30
–20
4
1560-1 G01
–50
–60
–80
1
2
3
–70
0
10
–10
fCUTOFF = 1MHz
Frequency Response
TYPICAL PERFORMANCE CHARACTERISTICS
Group Delay
FREQUENCY (MHz)
0
0.8
1.2
2.0
1560-1 G05
0.4
0
0.50
1.0
1.50
0.25
0.75
1.25
1.75
1.6
0.6
1.0
0.2
1.4
fCUTOFF = 1MHz
Phase vs Frequency
FREQUENCY (kHz)
20
–45
0
500
660
820
980
1560-1 G08
–90
–135
–225
–270
180
340
–180
fCUTOFF = 1MHz
Phase vs Frequency
FREQUENCY (kHz)
20
–45
0
45
500
420
1560-1 G07
–90
–135
–225
260
100
180
340
–180
fCUTOFF = 500kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com