Electronic Components Datasheet Search
  English  ▼

X  

RT170R8 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # RT170R8
Description  General Purpose Relays Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RT170R8 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  RT170R8 Datasheet HTML 1Page - TE Connectivity Ltd RT170R8 Datasheet HTML 2Page - TE Connectivity Ltd RT170R8 Datasheet HTML 3Page - TE Connectivity Ltd RT170R8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
07-2016, Rev. 0716
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
Socket with screw type terminals for DIN rail mounting
RT 78 726 Socket with screw-type terminals, logical terminal arrangement
n
DIN-rail socket with logical setup of
connections (input/output)
n
High quality rising clamp terminals
n
Captive combination terminal screws
n
Jumper bars for interconnection
RT 78 725 Socket with screw-type terminals,
conventional terminal arrangement
n
Conventional terminal arrangement
Approvals
VDE Cert. No. 40017832, cULus E135149 in process
Technical data
RT 78 726
RT 78 725
Rated voltage/Max. switching voltage AC
240 / 400VAC
Rated current
2 x 8A, 16 A*)
Dielectric strength
coil contact circuit
5000 Vrms
4000 Vrms
open contact circuit
1000 Vrms
1000 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
Clearance / creepage
coil contact circuit
≥ 8/8 mm
≥ 4.7/4.7 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
basic
open contact circuit
functional
adjacent contact circuits
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature range
for mounting/handling
-20…+70˚C
in operation
-40...+70°C
Terminals
screw
Terminals screw torque acc. IEC 61984
0.5 Nm
max.
0.7 Nm
*) For 1 pole relays (16 A) the relay terminals 11-21, 12-22 and 14-24 have to be bridged
General Purpose Relays
Accessories
Accessories Interface Plug-in Relay XT (Continued)
F0286-B
S0416-CX
F0284-B
S0540-BX
Z
Z



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com