Electronic Components Datasheet Search
  English  ▼

X  

RT170R8 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # RT170R8
Description  General Purpose Relays Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RT170R8 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  RT170R8 Datasheet HTML 1Page - TE Connectivity Ltd RT170R8 Datasheet HTML 2Page - TE Connectivity Ltd RT170R8 Datasheet HTML 3Page - TE Connectivity Ltd RT170R8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
07-2016, Rev. 0716
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
LED- and Protection Modules for
RT 78 72P, RT 78 725, RT 78 726
Easy insertion of module into the socket
Wiring in parallel to the coil
Type
Part Number
PTM T0 0A0
EM09
Protection diode
9-1415036-1
(standard, A1+,A2-)
PTM T0 0L0
EM01
Protection diode (A1-, A2+)
1415037-1
PTM U0 524
EM02
RC-network 6...60 VAC
1-1415037-1
PTM U0 730
EM03
RC-network 110...230 VAC
2-1415037-1
PTM V0 524
EM04
Varistor 24 VAC
3-1415037-1
PTM V0 615
EM13
Varistor 115 VAC
6-1415365-1
PTM V0 730
EM05
Varistor 230 VAC
4-1415037-1
PTM D0 730
EM31
Residual current bypass
1415037-2
RC 110…230 VAC
PTM R0 730
EM29
Residual current bypass
1-1415539-2
resistor 110…230 VAC
LED
PTM L0 024
EM18
red LED 6…24 VDC w.
5-1415036-1
prot. diode (std, A1+, A2-)
PTM G0 024
EM12
green LED 6…24 VDC w.
2-1415036-1
prot. diode (std, A1+, A2-)
PTM L1 024
EM08
red LED 6…24 VDC w.
8-1415036-1
prot. diode (A1-, A2+)
PTM L0 060
EM16
red LED 24…60 VDC w.
5-1415539-3
prot. diode (std, A1+, A2-)
PTM G0 060
EM25
green LED 24…60 VDC w.
7-1415539-7
prot. diode (std, A1+, A2-)
PTM L0 110
EM19
red LED 60…110 VDC w.
2-1415392-1
prot. diode (A1+, A2-)
PTM G0 110
EM26
green LED 60…110 VDC w.
1-1415539-7
prot. diode (A1+, A2-)
PTM L0 220
EM27
red LED 110…220 VDC w.
1-1415539-4
prot. diode (A1+, A2-)
PTM G0 220
EM28
green LED 110…220 VDC w.
1-1415539-6
prot. diode (A1+, A2-)
PTM L0 524
EM07
red LED 6...24 VDC/VAC
6-1415036-1
PTM G0 524
EM11
green LED 6...24 VDC/VAC
3-1415036-1
PTM L0 560
EM14
red LED 24...60 VDC/VAC
1-1415539-3
PTM G0 560
EM30
green LED 24...60 VDC/VAC
1-1415539-5
PTM L0 730
EM06
red LED 110...230 VAC
7-1415036-1
PTM G0 730
EM10
green LED 110...230 VAC
4-1415036-1
Relay Packages
Complete packages consisting of a relay mounted on a socket: see Relay
Package XT
Technical data (continued)
RT 78 726
RT 78 725
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
120 N
Mounting distance
≥ 0, dense packing
Weight
36 g
Packaging unit
10 pcs
Socket with screw type terminals for DIN rail mounting
Type
Part Number
RT 78 726
Socket with screw type terminals,
6-1415035-1
pinning 5 mm for DIN rail mounting,
logical terminal arrangement
RT 78 725
Socket with screw type terminals,
1860306-1
pinning 5 mm for DIN rail mounting,
conventional terminal arrangement
Accessories for RT 78 725, RT 78 726
Type
Part Number
XT 17 017
Plastic retaining clip,
2022104-1
relay height 25.5 mm
RT 17 040
Marking tag
2-1415038-1
RT 17 0R8
Jumper bar, max load 12A
1860517-8
for connection of up to 8 RT sockets
XT 28 816
Metal retaining clip,
1887204-1
relay height 25.5 mm
Marking tags
n
White marking area 15.5 x 6 mm
n
Snaps on socket in up to 4 positions
S0416-BC
S0540-AC
Jumper bar
S0559-AR
General Purpose Relays
Accessories
Accessories Interface Plug-in Relay XT (Continued)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com