Electronic Components Datasheet Search
  English  ▼

X  

RT170R8 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RT170R8
Description  General Purpose Relays Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RT170R8 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RT170R8 Datasheet HTML 1Page - TE Connectivity Ltd RT170R8 Datasheet HTML 2Page - TE Connectivity Ltd RT170R8 Datasheet HTML 3Page - TE Connectivity Ltd RT170R8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
07-2016, Rev. 0716
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
n
For Interface Plug-in Relay XT, pinning 5 mm
n
Retainer clip with ejection function
n
Easy replacement of relays on a densely packed DIN rail
n
No reduction of protection class or creepage/clearance with plastic
retainer
n
Simple plug-in indicator- and protection modules
n
White snap-on marking tags
Premium socket with screwless terminals for
DIN rail mounting
RT 78 72P Premium socket, logical terminal arrangement
n
Screwless Clamps
n
Mounting of solid wires without tool
n
Double Clamps per terminal
n
Jumper links for interconnection
n
Open coil circuit for active modules
n
Logical terminal arrangement
Approvals
VDE Cert. No. 40017832, cULus E135149
Technical data
Rated voltage/Max. switching voltage AC
240/400 VAC
Rated current
2 x 8 A, 16 A*)
Dielectric strength
coil contact circuit
5000 Vrms
open contact circuit
1000 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage
coil contact circuit
≥ 8/8 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
adjacent contact circuits
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
*) For 1 pole relays (16 A) the relay terminals 11-21, 12-22 and 14-24 have to be bridged
General Purpose Relays
Accessories
Accessories Interface Plug-in Relay XT
Z
F0290-E
F0301-B
S0545-CX


Similar Part No. - RT170R8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT17016 MACOM-RT17016 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
RT17016 MACOM-RT17016 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
Accessories Industrial Power Relay RT
RT17040 MACOM-RT17040 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
RT17040 MACOM-RT17040 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
More results

Similar Description - RT170R8

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
General Purpose Relays
logo
Tyco Electronics
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
General Purpose Relays Industrial Relays
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
General Purpose Relays Industrial Relays
Rev. 0522
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com