Electronic Components Datasheet Search
  English  ▼

X  

DA9230 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA9230
Description  Ultra-Low Quiescent Current Buck
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9230 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA9230 Datasheet HTML 32Page - Renesas Technology Corp DA9230 Datasheet HTML 33Page - Renesas Technology Corp DA9230 Datasheet HTML 34Page - Renesas Technology Corp DA9230 Datasheet HTML 35Page - Renesas Technology Corp DA9230 Datasheet HTML 36Page - Renesas Technology Corp DA9230 Datasheet HTML 37Page - Renesas Technology Corp DA9230 Datasheet HTML 38Page - Renesas Technology Corp DA9230 Datasheet HTML 39Page - Renesas Technology Corp DA9230 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
DA9230
Ultra-Low Quiescent Current Buck
Datasheet
Revision 3.2
13-Jun-2023
CFR0011-120-00
36 of 48
© 2023 Renesas Electronics
Table 17: Register MASK
Address
Register Name
POR Value
Mask
0x0003
MASK
0x7C
7
6
5
4
3
2
1
0
Reserved
M_VIN_UV
Reserved
M_OC_BUCK_EVENT M_OV_BUCK_EVENT M_UV_BUCK_EVENT Reserved
Reserved
Field Name
Bits
Type
POR
Description
M_VIN_UV
[6]
cfg OTP
0x1
Mask to set VIN_UV_EVNT. VIN_UV_STAT is updated regardless of this mask.
M_OC_BUCK_EVENT
[4]
cfg OTP
0x1
Masks to set OC_BUCK_EVENT. OC_BUCK_STAT is updated regardless of this mask.
M_OV_BUCK_EVENT
[3]
cfg OTP
0x1
Masks to set OV_BUCK_EVENT. OV_BUCK_STAT is updated regardless of this mask.
M_UV_BUCK_EVENT
[2]
cfg OTP
0x1
Masks to set UV_BUCK_EVENT. UV_BUCK_STAT is updated regardless of this mask.
11.2.1.2
User Registers
Table 18: Register GPO
Address
Register Name
POR Value
GPO control
0x0004
GPO
0x00
7
6
5
4
3
2
1
0
GPO_RST_CTRL<3:0>
GPO_CTRL<3:0>
Field Name
Bits
Type
POR
Description
GPO_RST_CTRL
[7:4]
cfg OTP 0x0
Reset pulse signal nagate timing control
Value
Description
0x0
8ms after BUCK_EN = 1, GPO reset pulse is negated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com