Electronic Components Datasheet Search
  English  ▼

X  

DA9230 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA9230
Description  Ultra-Low Quiescent Current Buck
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9230 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA9230 Datasheet HTML 9Page - Renesas Technology Corp DA9230 Datasheet HTML 10Page - Renesas Technology Corp DA9230 Datasheet HTML 11Page - Renesas Technology Corp DA9230 Datasheet HTML 12Page - Renesas Technology Corp DA9230 Datasheet HTML 13Page - Renesas Technology Corp DA9230 Datasheet HTML 14Page - Renesas Technology Corp DA9230 Datasheet HTML 15Page - Renesas Technology Corp DA9230 Datasheet HTML 16Page - Renesas Technology Corp DA9230 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DA9230
Ultra-Low Quiescent Current Buck
Datasheet
Revision 3.2
13-Jun-2023
CFR0011-120-00
13 of 48
© 2023 Renesas Electronics
7
Electrical Characteristics
VDD = VDD_SYS = 3.6 V, TJ= -40
C to 85C. Typical values are at TJ = 25°C (unless otherwise noted).
Table 5: Input Current
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
IQ_BUCK_ON_NO_LD
Buck no load quiescent
current
Note 1
-40 °C < TJ < 85 °C
Buck enabled and regulating,
no load
2.5 V
≤ VVDD_SYS ≤ 5.5 V
VBUCK = 1.8 V
0.75
3.5
μA
IQ_BUCK_ON_NO_LD
Buck no load quiescent
current
(Bandgap always on)
-40 °C < TJ < 85 °C
Buck enabled and regulating,
no load
2.5 V
≤ VVDD_SYS ≤ 5.5 V
VBUCK = 1.8 V
1.25
4
μA
Note 1
Due to light sensitivity, when DA9230 is used in a light sensitive application, use a bandgap-always-on
version. See Table 30, OTP List, for details.
Table 6: Buck Output
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
RON_PMOS
On resistance of PMOS pass
device
VVDD_SYS = 3.6 V
IOUT = 50 mA
600
800
mΩ
RON_NMOS
On resistance of NMOS pass
device
VVDD_SYS = 3.6 V
IOUT = 50 mA
300
450
mΩ
RSYS_DHCG
MOSFET on-resistance for
buck discharge
VVDD_SYS = 3.6 V
IOUT = -10 mA into VOUT pin
33
Ω
tSTART
Buck start-up time
VVDD_SYS = 3.6 V
VBUCK = 1.8 V
IOUT = 0 A from BUCK_EN =
1 to switching start
3
ms
ILIM_SW_PMOS
SW current limit PMOS
VVDD_SYS = 3.6 V
VBUCK = 1.8 V
600
mA
tOFF
Off time in continuous
conduction mode
VBUCK = 1.8 V
270
ns
fSW
Switching frequency in
continuous conduction mode
3
MHz
IOUT_MAX
Maximum DC output current
300
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com