Electronic Components Datasheet Search
  English  ▼

X  

DA9230 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA9230
Description  Ultra-Low Quiescent Current Buck
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9230 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA9230 Datasheet HTML 7Page - Renesas Technology Corp DA9230 Datasheet HTML 8Page - Renesas Technology Corp DA9230 Datasheet HTML 9Page - Renesas Technology Corp DA9230 Datasheet HTML 10Page - Renesas Technology Corp DA9230 Datasheet HTML 11Page - Renesas Technology Corp DA9230 Datasheet HTML 12Page - Renesas Technology Corp DA9230 Datasheet HTML 13Page - Renesas Technology Corp DA9230 Datasheet HTML 14Page - Renesas Technology Corp DA9230 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
DA9230
Ultra-Low Quiescent Current Buck
Datasheet
Revision 3.2
13-Jun-2023
CFR0011-120-00
11 of 48
© 2023 Renesas Electronics
5
Recommended Operating Conditions
Table 4: Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD
Analog VIN
Tied to VDD_SYS
2.5
Note 1
5.5
V
VDD_SYS
Power VIN
Tied to VDD
2.5
Note 1
5.5
V
IOUT_BUCK
Buck load Current
Output current from SW
pin, continuous DC current
300
mA
Note 1
Requires minimum 2.75 V for start-up. Once started, input voltage can go down to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com