Electronic Components Datasheet Search
  English  ▼

X  

MSM9026 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSM9026
Description  Emulation Board for S1207
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9026 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSM9026 Datasheet HTML 1Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 2Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 3Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 6Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOSEL VITELIC
October 1996
MSM9026
Emulation Board for S1207
1/6
PID342 10/96
Features
To emulate S1207 chip and its derivatives, see
data sheet PID 247.
Driven by either 1.5 V x 4 battery or 5 - 6 V
power supply.
A 4x1 jumper header JP1 is provided to accept
power source.
A pair or strengthen wire (E1 & E2) is provided
to accept the power source.
2 push button switches are provided to control
the power on/off.
Selectable (by JP2) auto power off function (after
60" no operation)is provided.
A push button switch is provided to reset this
M9026 board.
A red LED lamp D3 is provided to indicate the
power on or off.
A 32-pin textool U3 is provided to store 27C010
EPROM (access time 120 ns or faster).
5 green LED lamps are provided on EAC area.
5 red LED lamps are provided on EAC area.
19 push button switches for triggers are provided
on EAC area.
A 2x1 jumper header JP4 is provided on EAC
area to accept wires to speaker.
A 3x1 jumper header JP5 is provided on EAC
area to decide source for K1,2,3,4 triggers.
A 3x5 jumper header is provided on EAC area to
select LED lamps for 5 output pins or not.
To be continued on page 3/6.
Description
By storing digitized sound data and options into 27C010 and inserting it onto U3, this MSM9026 board
emulates the function of S1207 chip and its derivatives. The file for 27C010 content should be prepared by
running program 9026pack.exe. The demanded external components are provided on board in specific EAC
(External Application Component) area.
Board Layout
HI
LO
AB
C
AB
C
RW1
Vdd
JP5
SEL
JP3
Vss
K1
K2
K3
K4
RW1
RW2
RW3
RW4
Cout
Vdd
TGA
TGB
TGC
OS
OW
OX
OY
OZ
K1
K2
K3
K4
TGA
TGB
TGC
SW4
SW3
SW2
SW1
SW8
SW7
SW6
SW5
SW12
SW11
SW10
SW9
SW16
SW15
SW14
SW13
OKY
INT
RW4
RW3
RW2
RW1
OS
OW
OX
OY
OZ
OS
OW
OX
OY
OZ
TEXTOOL for 27010
U3
U2
MOSEL VITELIC INC., MSM9026 V1M1 1996
(80C31) 9026 F/W 1.00
JP4
SPK
SNK
DRV
(Red)
(Green)
SN:
SW
SW
ON/OFF
D3
E1
Vcc
E2
GND
SW
RST
JP2
Auto Power Off
1.5V
x4
JP1


Similar Part No. - MSM9026

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
DOT MATRIX LCD CONTROLLER
MSM9000B-XX OKI-MSM9000B-XX Datasheet
223Kb / 38P
DOT MATRIX LCD CONTROLLER
MSM9004 OKI-MSM9004 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004 OKI-MSM9004 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
More results

Similar Description - MSM9026

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSM9009 MOSEL-MSM9009 Datasheet
6Kb / 1P
80" Emulation board
MSM9018 MOSEL-MSM9018 Datasheet
17Kb / 1P
180 Emulation board
MSS0306 MOSEL-MSS0306 Datasheet
45Kb / 1P
MSS0306 Emulation Board
logo
STMicroelectronics
ST6XXX-EMU2 STMICROELECTRONICS-ST6XXX-EMU2 Datasheet
84Kb / 4P
REAL TIME EMULATION DEVELOPMENT TOOLS FOR ST6 MCU FAMILY
Aug-1998
STICE STMICROELECTRONICS-STICE Datasheet
176Kb / 9P
Full-featured cost-effective emulation system for ST microcontrollers
24-May-2011
logo
Renesas Technology Corp
R01US0068EJ0100 RENESAS-R01US0068EJ0100 Datasheet
919Kb / 56P
EEPROM Emulation Library
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
EEPROM Emulation with STR71x
22-Jul-2005
RX95HF STMICROELECTRONICS-RX95HF Datasheet
634Kb / 44P
Near field communication transceiver for tag emulation
02-Jun-2014
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
In-Circuit Program Debug Emulation
logo
STMicroelectronics
X-CUBE-EEPROM STMICROELECTRONICS-X-CUBE-EEPROM Datasheet
132Kb / 5P
EEPROM emulation software expansion for STM32Cube
09-Dec-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com