Electronic Components Datasheet Search
  English  ▼

X  

MSM9026 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # MSM9026
Description  Emulation Board for S1207
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9026 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  MSM9026 Datasheet HTML 1Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 2Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 3Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 6Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MOSEL VITELIC
MSM9026
5/6
PID342 10/96
2
3
1
Trigger Drive Selection by 3X6 Jumper
Use Vdd to drive TGA through 10K ohm (R31)
and SW-TGA
Use Vss to drive TGA through 10K ohm (R38)
and SW-TGA
Use Vss to drive TGA through SW-TGA
Similar operation as TGA's
Similar operation as TGA's
Use Vdd to drive TGA through SW-TGA
R38
TGA
TGA
R31
TGA
TGA
HI
LO
A
BC
A
BC
RS
S
R
HI
LO
A
BC
A
BC
RS
S
R
HI
LO
A
BC
A
BC
RS
S
R
HI
LO
A
BC
A
BC
RS
S
R
HI
LO
A
BC
A
BC
RS
S
R
HI
LO
A
BC
A
BC
RS
S
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com