Electronic Components Datasheet Search
  English  ▼

X  

MSM9026 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # MSM9026
Description  Emulation Board for S1207
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9026 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

  MSM9026 Datasheet HTML 1Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 2Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 3Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 6Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MOSEL VITELIC
MSM9026
6/6
PID342 10/96
Taiwan
#1, Creation Road I,
Science - based Industrial Park,
Hsinchu, 30077
Taiwan, ROC
"audio_reply@ccmail.mosel.com.tw"
TEL: 886-3-5770055
FAX: 886-3-5772788
FAX: 886-3-5784732
Taipei
7F, #102 Sec. 3,
Ming Chung E. Road,
Taipei,105
Taiwan, ROC
TEL: 886-2-5451213
FAX: 886-2-5451214
Hongkong
#19 Dai
Fu Street,
Taipo Industrial Estate,
Taipo, N.T.
Hongkong
TEL: 852-2388-8277(MKO)
TEL: 852-2665-4883
FAX: 852-2664-2406
FAX: 852-2770-8011(MKO)
U.S.A.
#3910 North First Street,
San Jose,
CA. 65134-1501
U.S.A.
TEL: 1-408-433-6000
FAX: 1-408-433-0952
Before Operating 9026
To prepare voice file(s)
To prepare up to 32 voice files by MES 2.0 or 3.0.
These files must be 8-bit PCM file.
To prepare a filled PRF
To write down your demand options on PRF (product
request form) is strongly recommended before you
are running 9026pack.exe.
To prepare a source text
Using commercial text editor on personal computer,
you can set up a source text in the format defined in
9026pack software user's manual (pid 392 10/96). In
this source text, you can define the both word
sections and sentence tables. This source text must
have the file extension .SRC. Most of mask options
can be defined on the screen in 9026pack.exe. The
entry dependent options could be defined inside
source text.
To have a compiled binary file
Running 9026pack.exe and entering keystrokes as
prompt, you can easily define the options and read in
the source text. Completing as the screen tells, you
can get a compiled binary file in your specified file
name. Its file extension is always .BIN.
To have 27C010 programmed
Programming this .BIN file into an 27C010 chip by
commercial EPROM programmer, you have it ready.
To insert this 27C010
To insert this EPROM chip into textool U3 of 9026
board in right direction.
To set up LED selections
To set up LED connection by jumper 3x5 if needed.
To set up Trigger Drive
To set up trigger drive circuit as your requirement on
jumper 3x6. Without the drive source (either high or
low, either R or bare wire) the switch keeps floating
and never be capable to activate the trigger. Without
right polarity of drive source you can neither trigger
the sound and you may hurt this 9026 board.
To configure demanded wires
Ensuring you have both 1.5Vx4 power and speaker
well connected, this board are ready to work. There
are push-button switches to turn on or off the power.
Red LED lamp D3 tells the power on. JP2 enables the
auto power off function.
Operation Flow
Warning
Output pin definition restricted: If you select LED
dynamic flash, then the M9026 output level will remain
the same as the output level of the previous entry.
Trigger pin definition restricted: M9026 performs
two trigger options only, active high & pull low & low
latch as well as active low & pull high & high latch.
The M9026 debounce time (min. trigger pulse width) is
shown as table in page 3/6, not optional as chip.
Misc
Fuse : Not Available
Power : 1.5V x 4 (battery) or 6 VDC power supply
Dimension : (LxWxH) 160x115x20 mm
textool included
Weight : 150 g
Demonstration Kit
filled Product Request Form
Run 9026PACK.EXE
Get Output file filename.BIN
and file filename.OPT
Go EPROM programmer
Get 27C010 programmed
Insert onto 9026 board
Source Text .SRC
Voice files



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com