Electronic Components Datasheet Search
  English  ▼

X  

VT1616 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VT1616
Description  6-Channel AC97 Codec with S/PDIF
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT1616 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VT1616 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
VT1616 6-Channel AC97 Codec with S/PDIF
Revision 1.5, October 11, 2002
4
Data Sheet
Table 1.Pin Description
Pin #
Symbol
Type
Description
1
DVCC1
P
Digital Supply Voltage, 3.3V only
2
XTL_IN
I
24.576 MHz Crystal or clock input
3
XTL_OUT
O
24.576 MHz Crystal
4
DGND1
P
Digital Ground
5
SDATA_OUT
I
AC’97 Serial Data Input Stream
6
BIT_CLK
I/O
12.288 MHz Serial Data Clock
7
DGND2
P
Digital Ground
8
SDATA_IN
O
AC’97 Serial Data Output Stream
9
DVCC2
P
Digital Supply Voltage, 3.3V only
10
SYNC
I
48 KHz FixedRate Sync Pulse
11
RESET#
I
AC’97 Master Reset
12
PC_BEEP
I
PC Speaker Beep Pass Through
13
PHONE
I
Telephony Subsystem Speakerphone
14
AUX_L
I
Auxiliary Audio Left Channel
15
AUX_R
I
Auxiliary Audio Right Channel
16
VIDEO_L
I
Video Audio Left Channel
17
VIDEO_R
I
Video Audio Right Channel
18
CD_L
I
CD Audio Left Channel
19
CD_GND
I
CD Audio Analog Ground
20
CD_R
I
CD Audio Right Channel
21
MIC1
I
Desktop Microphone
22
MIC2
I
SecondMicrophone
23
LINE_IN_L
I
Line In Left Channel
24
LINE_IN_R
I
Line In Right Channel
25
AVCC1
P
Analog Supply Voltage, 5V or 3.3V
26
AGND1
P
Analog Ground
27
VREF
I
Reference Voltage
28
VREF_OUT
O
Reference Voltage Output
29
AFLT1
O
Left Channel Anti-Aliasing Filter Capacitor
30
AFLT2
O
Right Channel Anti-Aliasing Filter Capacitor
31
NC
–
No Connect
32
CAP2
–
ADC Reference Voltage Capacitor
33
NC
–
No Connect
34
NC
–
No Connect
35
LINE_OUT_L
O
Line Out Left Channel
36
LINE_OUT_R
O
Line Out Right Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com