Electronic Components Datasheet Search
  English  ▼

X  

VT1616 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VT1616
Description  6-Channel AC97 Codec with S/PDIF
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT1616 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VT1616 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
VT1616 6-Channel AC97 Codec with S/PDIF
Revision 1.5, October 11, 2002
6
Data Sheet
Figure 3.Typical Connection Diagram
LINE
INPUTS
23
LINE LEVEL
OUTPUTS
LINE_IN_L
1
µF
24
1
µF
CD
INPUTS
18
1
µF
19
1
µF
VIDEO
INPUTS
20
1
µF
16
1
µF
AUXILIARY
INPUTS
17
1
µF
14
1
µF
15
1
µF
21
1
µF
MIC2 IN
22
1
µF
13
1
µF
PHONE
MIC1 IN
LINE_IN_R
CD_L
CD_GND
CD_R
VIDEO_L
VIDEO_R
AUX_L
AUX_R
MIC1
MIC2
PHONE
12
0.1
µF
PC BEEP
PC_BEEP
2.7nF
4.7k
Ω
47k
Ω
35
1
µF
1nF
47k
Ω
1k
Ω
LINE_OUT_L
36
1
µF
1nF
47k
Ω
1k
Ω
LINE_OUT_R
MONO OUTPUT
37
1
µF
1nF
47k
Ω
1k
Ω
MONO_OUT
VREF
CAP2
0.1
µF
10
µF
32
270pF
NPO
AFLT2
AFLT1
30
DGND2
AGND1
AGND2
DGND1
DVCC1
AVCC1
DVCC2
AVCC2
XTL_IN
XTL_OUT
3
22pF
22pF
2
24.576MHz
46
ID1
ID0
45
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
7
4
26
42
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
10
6
5
8
11
Master
Codec
Select
19
25
38
5V AVCC
3.3V DVCC
270pF
NPO
29
VT1616
DC‘97
Board Analog Ground
BoardDigital Ground
27
Single point connection
39
LNL/SR_OUT_L
41
LNL/SR_OUT_R
EAPD
47
0.1
µF
10
µF
SPDIF_OUT
48
43
CENTER_OUT
44
LFE_OUT
Repeat circuits as above for the
4 surroundchannels
3.3V DVCC
VREFOUT
28
110
Ω
220
Ω
RCA
coaxial
S/PDIF
Regulatedpower supply
recommended for best
analog performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com