Electronic Components Datasheet Search
  English  ▼

X  

MAX9502 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX9502
Description  2.5V Video Amplifier with Reconstruction Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9502 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX9502 Datasheet HTML 2Page - Analog Devices MAX9502 Datasheet HTML 3Page - Analog Devices MAX9502 Datasheet HTML 4Page - Analog Devices MAX9502 Datasheet HTML 5Page - Analog Devices MAX9502 Datasheet HTML 6Page - Analog Devices MAX9502 Datasheet HTML 7Page - Analog Devices MAX9502 Datasheet HTML 8Page - Analog Devices MAX9502 Datasheet HTML 9Page - Analog Devices MAX9502 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Detailed Description
The MAX9502 filters and amplifies the video DAC output
in applications such as digital still cameras and mobile
phones. The MAX9502 consists of a lowpass filter and
an output video buffer capable of driving a standard 150Ω
video load to ground. The MAX9502G output buffer pro-
vides a fixed gain of +6dB, while the MAX9502M output
buffer provides a fixed gain of +12dB.
Filter
The MAX9502 contains a 4th-order Chebyshev recon-
struction filter. The Chebyshev-type response features a
0.4dB flat passband for NTSC and PAL signals. The stop-
band offers 55dB (typ) of attenuation at 27MHz and above
(see the Typical Operating Characteristics).
Output Amplifier
The MAX9502G features a +6dB gain, while the
MAX9502M features a +12dB gain. Operating from a 2.5V
to 3.0V supply, the output amplifier is able to drive a 2V
signal into a 150Ω video load to ground. Operating from a
3.0V to 3.6V supply, the output amplifier is able to drive a
2.4VP-P signal into a 150Ω video load to ground. The out-
put is typically offset 110mV above ground to guarantee
linear operation of the amplifier. The MAX9502 output only
sources current; all loads should be connected to ground.
Short-Circuit Protection
The MAX9502 typical application circuit includes a 75Ω
back-termination resistor that limits short-circuit currents
for an external short applied at the video output. The
MAX9502 features internal output short-circuit protection
to prevent device damage in prototyping and applications
where the amplifier output can be directly shorted.
Short-circuit protection activates if the output is short-
circuited and the output current exceeds 95mA. During
short-circuit protection, the output of the MAX9502 is shut
off for 12μs and then turns on for 0.8μs. If the short is still
present, the MAX9502 output shuts off again. Extended
short circuits result in a pulsed output. The device
resumes normal operation after the short is removed.
Applications Information
Input Considerations
The MAX9502 input is DC-coupled. When the supply volt-
age is between a 2.5V and 3V supply, the input voltage
range extends from ground to 1.05V for the MAX9502G
and from ground to 0.525V for the MAX9502M. When the
supply voltage is between 3V and 3.6V, the input voltage
range extends from ground to 1.2V for the MAX9502G and
from ground to 0.6V for the MAX9502M. The MAX9502G
accepts a composite video signal with a sync tip from 0
to 50mV and the MAX9502M accepts a composite video
signal with a sync tip from 0 to 25mV. A typical current-
output DAC that operates from a single supply usually
creates a composite video signal with a sync tip very
close to ground. Hence, the DAC output can be directly
connected to the MAX9502 input. Keep the board trace as
short as possible to minimize parasitic stray capacitance
and prevent unintentional high-frequency attenuation.
Output Considerations
The MAX9502 output must be DC-coupled. No
AC-coupling capacitors are allowed. The MAX9502 con-
nects directly to the video cable through a 75Ω series
backtermination resistor. The other end of the cable
should be properly terminated with a 75Ω resistor as well.
Because of this configuration, the peak-to-peak amplitude
as well as the DC level of the signal is divided by two. The
MAX9502 output signal is level-shifted up so the sync tip
is around 110mV.
Power-Supply Bypassing and Layout
Considerations
The MAX9502 operates from a single-supply voltage
down to 2.5V, allowing for low-power consumption.
Bypass VCC to GND with a 0.1μF capacitor. Place all
external components as close to the device as possible.
MAX9502
2.5V Video Amplifier with Reconstruction Filter
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com