Electronic Components Datasheet Search
  English  ▼

X  

MAX9502 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX9502
Description  2.5V Video Amplifier with Reconstruction Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9502 Datasheet(HTML) 1 Page - Analog Devices

  MAX9502 Datasheet HTML 1Page - Analog Devices MAX9502 Datasheet HTML 2Page - Analog Devices MAX9502 Datasheet HTML 3Page - Analog Devices MAX9502 Datasheet HTML 4Page - Analog Devices MAX9502 Datasheet HTML 5Page - Analog Devices MAX9502 Datasheet HTML 6Page - Analog Devices MAX9502 Datasheet HTML 7Page - Analog Devices MAX9502 Datasheet HTML 8Page - Analog Devices MAX9502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX9502 small, low-power video amplifier with inte-
grated reconstruction filter operates from a supply voltage
as low as 2.5V. The small size and the low minimum sup-
ply voltage make the MAX9502 ideal for portable applica-
tions or small, low-power applications.
The MAX9502 DC-couples the input and the output,
resulting in a very small solution. The MAX9502 input
can be directly connected to the output of a video digital-
toanalog converter (DAC). The reconstruction filter is
implemented as a 4th-order Chebyshev with a minimum
passband of 5.5MHz, 3dB attenuation at 8MHz, and 55dB
attenuation at 27MHz.
The output amplifier provides a closed-loop gain of +6dB
(MAX9502G) or +12dB (MAX9502M), and can drive a 2VP-P
video signal into a 150Ω load to ground. The output signal
is level-shifted so the sync tip is 110mV (typ) above ground.
The MAX9502 operates from a 2.5V to 3.6V single supply and
consumes only 5.3mAquiescent supply current.An active-low
shutdown mode reduces the supply current to 0.01μA.
The MAX9502 is available in tiny 6-pin μDFN (1mm x
1.5mm x 0.8mm) and 5-pin SC70 packages. The device
is specified over the -40°C to +85°C extended and -40°C
to +125°C automotive temperature ranges.
Applications
● Mobile Phones
● Digital Still Cameras
● Portable Video
● Security/CCTV
Features
● Tiny 6-Pin μDFN (1mm x 1.5mm x 0.8mm) and 5-Pin
SC70 Packages
● DC-Coupled Input and Output Save Board Space
● 4-Pole Chebyshev Filter
● 5.5MHz Passband
● 55dB Attenuation at 27MHz
● 0.01μA Low-Current Shutdown Mode
● 2.5V to 3.6V Single-Supply Operation
● Video Amplifier with Fixed Gains of +6dB
(MAX9502G) or +12dB (MAX9502M)
Pin Configurations appear at end of data sheet.
Ordering Information continued at end of data sheet.
19-3674; Rev 2; 5/14
+Denotes lead-free package.
PRODUCT
FEATURES
MAX9503
DirectDrive™, LPF, TQFN
MAX9505
DirectDrive, LPF, analog switch, TQFN
MAX4090
Input clamp, µDFN, SOT23, SC70
MAX9504
Optional DC offset bias, µDFN, SOT23
PART
PIN-PACKAGE
TEMP RANGE
GAIN
TOP MARK
MAX9502GAALT+T
6 µDFN-6
-40°C to +125°C
+6
LI
MAX9502GAAXK+T
5 SC70-5
-40°C to +125°C
+6
ASO
MAX9502GELT+T
6 µDFN-6
-40°C to +85°C
+6
AU
MAX9502GEXK+T
5 SC70-5
-40°C to +85°C
+6
ARV
MAX9502
VIDEO AMP
GAIN = +6dB
MAX9502G
GAIN = +12dB
MAX9502M
SHUTDOWN
CIRCUIT
LOWPASS
FILTER
Z0 = 75Ω
75Ω
OUT
GND
75Ω TELEVISION
SHDN
IN
ON
OFF
VIDEO
DAC
VIDEO
ASIC
0.1µF
VCC
MAX9502
2.5V Video Amplifier with Reconstruction Filter
Typical Operating Circuit
Other Portable Video Amplifiers
Ordering Information
EVALUATION KIT AVAILABLE


Similar Part No. - MAX9502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9502 MAXIM-MAX9502 Datasheet
403Kb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9502GELT-T MAXIM-MAX9502GELT-T Datasheet
403Kb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9502GEXK-T MAXIM-MAX9502GEXK-T Datasheet
403Kb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9502MELT-T MAXIM-MAX9502MELT-T Datasheet
403Kb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9502MEXK-T MAXIM-MAX9502MEXK-T Datasheet
403Kb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
More results

Similar Description - MAX9502

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7449 MAXIM-MAX7449 Datasheet
184Kb / 6P
3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 0; 9/03
MAX7445 MAXIM-MAX7445 Datasheet
249Kb / 8P
4-Channel Video Reconstruction Filter
MAX9502 MAXIM-MAX9502 Datasheet
403Kb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
logo
Intersil Corporation
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
Single Supply Video Driver with Reconstruction Filter and Charge Pump
March 29, 2007
logo
Renesas Technology Corp
ISL59832 RENESAS-ISL59832 Datasheet
1Mb / 15P
Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
MAX7449 MAXIM-MAX7449_V01 Datasheet
264Kb / 6P
3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 1; 4/06
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com