Electronic Components Datasheet Search
  English  ▼

X  

MAX9502 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX9502
Description  2.5V Video Amplifier with Reconstruction Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9502 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX9502 Datasheet HTML 2Page - Analog Devices MAX9502 Datasheet HTML 3Page - Analog Devices MAX9502 Datasheet HTML 4Page - Analog Devices MAX9502 Datasheet HTML 5Page - Analog Devices MAX9502 Datasheet HTML 6Page - Analog Devices MAX9502 Datasheet HTML 7Page - Analog Devices MAX9502 Datasheet HTML 8Page - Analog Devices MAX9502 Datasheet HTML 9Page - Analog Devices MAX9502 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
+Denotes lead-free package.
PART
PIN-PACKAGE
TEMP RANGE
GAIN
TOP MARK
MAX9502MAALT+T
6 µDFN-6
-40°C to +125°C
+12
LJ
MAX9502MAAXK+T
5 SC70-5
-40°C to +125°C
+12
ASP
MAX9502MELT+T
6 µDFN-6
-40°C to +85°C
+12
AV
MAX9502MEXK+T
5 SC70-5
-40°C to +85°C
+12
ARW
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
6 µDFN
L611+1
21-0147
90-0080
5 SC70
X5+1
21-0076
90-0188
TOP VIEW
SC70
GND
VCC
SHDN
1
5 OUT
IN
MAX9502
2
3
4
GND
VCC
1
6
OUT
5
N.C.
IN
MAX9502
µDFN
2
3
4
SHDN
MAX9502
2.5V Video Amplifier with Reconstruction Filter
www.maximintegrated.com
Maxim Integrated │ 9
Ordering Information (continued)
Pin Configurations
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com