Electronic Components Datasheet Search
  English  ▼

X  

MAX7490EEE Datasheet(PDF) 5 Page - Analog Devices

Part # MAX7490EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7490EEE Datasheet(HTML) 5 Page - Analog Devices

  MAX7490EEE Datasheet HTML 1Page - Analog Devices MAX7490EEE Datasheet HTML 2Page - Analog Devices MAX7490EEE Datasheet HTML 3Page - Analog Devices MAX7490EEE Datasheet HTML 4Page - Analog Devices MAX7490EEE Datasheet HTML 5Page - Analog Devices MAX7490EEE Datasheet HTML 6Page - Analog Devices MAX7490EEE Datasheet HTML 7Page - Analog Devices MAX7490EEE Datasheet HTML 8Page - Analog Devices MAX7490EEE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Dual Universal Switched-Capacitor Filters
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Voltage
VDD
2.7
3.6
V
Power-Supply Current
IDD
No load, mode 1, R1 = R3 = 50k
Ω,
R2 = 10k
Ω, Q = 5
3.5
4.0
mA
Shutdown Current
ISHDN
SHDN = GND
1
μA
INTERNAL OP AMPS CHARACTERISTICS
Output Short-Circuit Current
±11
mA
DC Open-Loop Gain
RL
≥ 10kΩ, CL ≤ 50pF
130
dB
Gain Bandwidth Product
GBW
RL
≥ 10kΩ, CL ≤ 50pF
7
MHz
Slew Rate
SR
RL
≥ 10kΩ, CL ≤ 50pF
6
V/
μs
Note 1: Resistive loading of the N_/HP_, LP_, BP_ outputs includes the resistors used for the filter implementation.
Note 2: Crosstalk between internal filter sections is measured by applying a 1VRMS 10kHz signal to one bandpass filter section input
and grounding the input of the other bandpass filter section. The crosstalk is the ratio between the output of the grounded
filter section and the 1VRMS input signal of the other section.
Note 3: Bandwidth of noise measurement is 80kHz.
Note 4: fOSC (kHz) = 135 x 103 / COSC (COSC in pF)
ELECTRICAL CHARACTERISTICS—MAX7491 (continued)
(VDD = VEXTCLK = +3V; fCLK = 625kHz; 10kΩ || 50pF load to VDD/2 at LP_, BP_, and N_/HP_; VSHDN = VDD; 0.1µF from COM to
GND; 50% duty-cycle clock input; COM = VDD/2; TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.)
(Note 1)
Typical Operating Characteristics
(VDD = +5V for MAX7490, VDD = +3V for MAX7491, fCLK = 625kHz, VSHDN = VEXTCLK = VDD, COM = VDD/2, Mode 1, R3 = R1 = 50kΩ,
R2 = 10kΩ, Q = 5, TA = +25°C, unless otherwise noted.)
10
-60
1
10
100
2ND-ORDER BANDPASS FILTER
FREQUENCY RESPONSE
-50
FREQUENCY (kHz)
-30
-40
-10
-20
0
300
0
110
100
2ND-ORDER BANDPASS FILTER
PHASE RESPONSE
50
FREQUENCY (kHz)
100
200
150
250
VDD = +5V
fCLK = 625kHz
Q = 5
0
-0.8
100
1000
10,000
CLOCK-TO-CENTER FREQUENCY
DEVIATION vs. CLOCK FREQUENCY
-0.7
fCLK (kHz)
-0.6
-0.2
-0.3
-0.4
-0.5
-0.1
VDD = 5V
VDD = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com