Electronic Components Datasheet Search
  English  ▼

X  

MAX7490EEE Datasheet(PDF) 14 Page - Analog Devices

Part # MAX7490EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7490EEE Datasheet(HTML) 14 Page - Analog Devices

Back Button MAX7490EEE Datasheet HTML 10Page - Analog Devices MAX7490EEE Datasheet HTML 11Page - Analog Devices MAX7490EEE Datasheet HTML 12Page - Analog Devices MAX7490EEE Datasheet HTML 13Page - Analog Devices MAX7490EEE Datasheet HTML 14Page - Analog Devices MAX7490EEE Datasheet HTML 15Page - Analog Devices MAX7490EEE Datasheet HTML 16Page - Analog Devices MAX7490EEE Datasheet HTML 17Page - Analog Devices MAX7490EEE Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Dual Universal Switched-Capacitor Filters
14
______________________________________________________________________________________
Mode 3A Design Equations
Note: When the passband gain error exceeds 1dB, the
use of capacitor CC between the lowpass output and
the inverting input will reduce the gain error. The value
can best be determined experimentally. Typically, it
should be about 5pF/dB (CC-MAX = 15pF).
Offset Voltage
Switched-capacitor integrators generally exhibit higher
input offsets than discrete RC integrators. The larger
offset is mainly due to the charge injection of the CMOS
switches into the integrating capacitors. The internal op
amp offset also adds to the overall offset value. Figure
8 shows the input offsets from a single 2nd-order sec-
tion. Table 4 lists the formula for the output offset volt-
age for various modes and output pins.
Power Supplies
The MAX7490 operates from a single +5V supply, and
the MAX7491 operates from a single +3V supply.
Bypass VDD to GND with at least a 0.1µF capacitor.
VDD should be isolated from other digital or high-volt-
age analog supplies. If dual supplies are required, con-
nect the COM pin to the system ground and the GND
pin to the negative supply. Figure 9 shows an example
of dual-supply operation. Single-supply and dual-sup-
ply performances are equivalent. For dual-supply oper-
ation, drive CLK, SHDN, and EXTCLK from GND (which
is now V-) to VDD. If using the internal oscillator in dual-
supply mode, COSC can be returned to either GND or
the actual ground voltage. Use the MAX7490 for ±2.5V
and use the MAX7491 for ±1.5V.
For most applications, a 0.1µF bypass capacitor from
COM to GND is sufficient. If the VDD supply has signifi-
cant 60Hz energy, increase this capacitor to 1µF or
greater to provide better power-supply rejection.
f
f
R
R
f
fR
R
Q
R
R
R
R
H
R
R
H
R
R
H
R
R
Hf
Hz
R
R
R
R
Hat f
f
R
R
R
R
O
CLK
n
CLK
H
L
OHP
OLP
OBP
ON
G
L
ON
CLK
G
H
=
=
=
=
=
=
→=
⎛
⎝
⎜
⎞
⎠
⎟
==
⎛
⎝
⎜
⎞
⎠
⎟
−
−
−
100
2
4
100
3
2
2
4
2
1
4
1
3
1
0
4
1
2
2
1
1
2
()
(/ )
Figure 8. Block Diagram of a 2nd-Order Section Showing the Input Offsets
Σ
∫
∫
N/HP
S
INV
BP
LP
COM
VOS1
VOS2
VOS3
+
-
PART
GBW (MHz)
SLEW RATE (V/
μs)
ISUPPLY/AMP (mA)
PIN-PACKAGE
MAX4281
2
0.7
0.5
5 SOT23
MAX4322
5
2.0
1.1
5 SOT23
MAX4130
10
4.0
1.15
5 SOT23
MAX4490
10
10.0
2.0
5 SOT23
Table 3. Suggested External Op Amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com