Electronic Components Datasheet Search
  English  ▼

X  

MAX7490EEE Datasheet(PDF) 9 Page - Analog Devices

Part # MAX7490EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7490EEE Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX7490EEE Datasheet HTML 5Page - Analog Devices MAX7490EEE Datasheet HTML 6Page - Analog Devices MAX7490EEE Datasheet HTML 7Page - Analog Devices MAX7490EEE Datasheet HTML 8Page - Analog Devices MAX7490EEE Datasheet HTML 9Page - Analog Devices MAX7490EEE Datasheet HTML 10Page - Analog Devices MAX7490EEE Datasheet HTML 11Page - Analog Devices MAX7490EEE Datasheet HTML 12Page - Analog Devices MAX7490EEE Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Dual Universal Switched-Capacitor Filters
_______________________________________________________________________________________
9
2nd-Order Filter Stage
The MAX7490/MAX7491 are dual biquad filters. The
biquad topology allows the use of standard filter tables
and equations to implement simultaneous lowpass,
bandpass, and notch or highpass filters. Topologies
such as Butterworth, Chebyshev, Bessel, elliptic, as
well as custom algorithms are possible.
Internal Common Voltage
The COM pin sets the common-mode input voltage and
is internally biased to VDD/2 with a resistor-divider. The
resistors used are typically 250kΩ for the MAX7490,
and typically 80kΩ for the MAX7491. The common-
mode voltage is easily overdriven by an external volt-
age supply if desired. Bypass COM to the analog
ground with at least a 0.1µF capacitor.
Inverting Inputs
Locate resistors that are connected to INV_ as close as
possible to INV_ to reduce stray capacitance and noise
pickup. INV_ are inverting inputs to continuous-time op
amps, and behave like a virtual ground. There is no
sampling energy present on these inputs.
Outputs
Each switched-capacitor section, together with two to
four external resistors, can generate all standard 2nd-
order functions: bandpass, lowpass, highpass, and
notch (band-reject) functions. Three of these functions
are simultaneously available. The maximum signal
swing is limited by the power-supply voltages used.
The amplifiers’ outputs in the MAX7490/MAX7491 are
able to swing to within approximately 0.2V of either
supply.
Driving coaxial cable, large capacitive loads, or total
resistive loads less than 10kΩ will degrade the total
harmonic distortion (THD) performance. Note that the
effective resistive load at the output must include both
the feedback resistors and any external load resistors.
Low-Power Shutdown Mode
The MAX7490/MAX7491 have a shutdown mode that is
activated by driving SHDN low. In shutdown mode, the
filter supply current reduces to < 1µA (max), and the fil-
ter outputs become high impedance. The COM input
also becomes high impedance during shutdown. For
normal operation, drive SHDN high or connect to VDD.
__________Applications Information
Designing with the MAX7490/MAX7491 begins by
selecting the mode that best fits the desired circuit
requirements. Table 1 lists the available modes and
their relative advantages and disadvantages. Table 2
lists the different nomenclature used in the explanations
that follow.
Σ
∫
∫
NA/HPA (3)
SHDN
VDD (8)
GND (7)
CLK (9)
EXTCLK (10)
INVB (13)
COM (11)
R
R
INVA (4)
(6)
SA (5)
BPA (2)
LPA (1)
+
-
Σ
∫
∫
NB/HPB (14)
SB (12)
BPB (15)
LPB (16)
+
-
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com