Electronic Components Datasheet Search
  English  ▼

X  

MAX9513 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9513 Datasheet(HTML) 4 Page - Analog Devices

  MAX9513 Datasheet HTML 1Page - Analog Devices MAX9513 Datasheet HTML 2Page - Analog Devices MAX9513 Datasheet HTML 3Page - Analog Devices MAX9513 Datasheet HTML 4Page - Analog Devices MAX9513 Datasheet HTML 5Page - Analog Devices MAX9513 Datasheet HTML 6Page - Analog Devices MAX9513 Datasheet HTML 7Page - Analog Devices MAX9513 Datasheet HTML 8Page - Analog Devices MAX9513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VSHDN = 3.3V, VSMARTSLEEP = VINT/EXT = VGND = 0V, RL = no load. TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Rejection Ratio
PSRR
2.7V
≤ VDD ≤ 3.6V, input referred,
RL = 150
Ω to GND
48
dB
Output Pulldown Resistance
RPD
INT/EXT = VDD, CVBSOUT1
3.7
Ω
Output Shutdown Impedance
28
k
Ω
LOGIC INPUTS (SMARTSLEEP, SHDN, INT/EXT)
Logic-Low Threshold
VIL
0.3 x
VDD
V
Logic-High Threshold
VIH
0.7 x
VDD
V
Logic Input Current
IIL / IIH
VI = 0V or VDD
0.01
10
µA
AC ELECTRICAL CHARACTERISTICS
(VDD = VSHDN = 3.3V, VSMARTSLEEP = VINT/EXT = VGND = 0V, RL = 150Ω to GND. TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
f = 5.5MHz
-0.1
f = 6.75MHz
-1
-0.3
+1
f = 11MHz
-3
Standard-Definition
Reconstruction Filter
Inputs are 1VP-P, reference
frequency is 1MHz
f = 27MHz
-33
-41
dB
DC-coupled output,
5-step modulated staircase
f = 3.58MHz or
4.43MHz
0.2
Differential Gain
DG
AC-coupled output,
5-step modulated staircase
f = 3.58MHz or
4.43MHz
0.4
%
f = 3.58MHz
0.62
DC-coupled output,
5-step modulated staircase
f = 4.43MHz
0.75
f = 3.58MHz
0.78
Differential Phase
DP
AC-coupled output,
5-step modulated staircase
f = 4.43MHz
1.01
Degrees
2T Pulse Response
2T = 200ns or 250ns
0.2
K%
2T Bar Response
Bar time is 18µs, the beginning 2.5% and the ending 2.5%
of the bar time are ignored, 2T = 200ns or 250ns
0.2
K%
2T Pulse-to-Bar K
Rating
Bar time is 18µs, the beginning 2.5% and the ending 2.5%
of the bar time are ignored, 2T = 200ns or 250ns
0.3
K%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com