Electronic Components Datasheet Search
  English  ▼

X  

MAX9513 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9513 Datasheet(HTML) 3 Page - Analog Devices

  MAX9513 Datasheet HTML 1Page - Analog Devices MAX9513 Datasheet HTML 2Page - Analog Devices MAX9513 Datasheet HTML 3Page - Analog Devices MAX9513 Datasheet HTML 4Page - Analog Devices MAX9513 Datasheet HTML 5Page - Analog Devices MAX9513 Datasheet HTML 6Page - Analog Devices MAX9513 Datasheet HTML 7Page - Analog Devices MAX9513 Datasheet HTML 8Page - Analog Devices MAX9513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VSHDN = 3.3V, VSMARTSLEEP = VINT/EXT = VGND = 0V, RL = no load. TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Sync-Tip Clamp Level
VCLP
EXTCVBSIN
0.25
0.37
V
Input Clamping Current
EXTCVBSIN = 500mV + VCLP
0.5
1
1.5
µA
2.7V < VDD < 3.6V
1.05
EXTCVBSIN Input Voltage Range
Guaranteed by
output voltage
swing
3.0V < VDD < 3.6V
1.2
VP-P
Sync Crush
EXTCVBSIN, percentage reduction in sync
pulse (0.3VP-P), guaranteed by input
clamping current measurement, measured
at input
2%
Maximum Input Source
Resistance
EXTCVBSIN
300
Ω
DC Voltage Gain
AV
RL = 150
Ω to VDD / 2, 0V ≤ VIN ≤ 1.05V,
VDD = 2.7V
5.7
6
6.3
dB
DC Gain Matching
RL = 150
Ω to VDD / 2, 0V ≤ VIN ≤ 1.05V,
VDD = 2.7V
-0.2
0
+0.2
dB
VCVBSIN = 0V,
INT/EXT = GND, RL = 150
Ω to GND
0.21
0.3
0.38
Output Level
CEXTCVBSIN = 0.1µF to GND,
INT/EXT = VDD, RL = 150
Ω to GND
0.21
0.27
0.38
V
TA = -40°C to
+85°C
2.027
2.1
2.163
Measured at output,
VDD = 2.7V,
0V
≤ VIN ≤ 1.05V,
RL = 150
Ω to -0.2V
TA = -40°C to
+125°C
2.006
2.163
Measured at output, VDD = 2.7V,
0V
≤ VIN ≤ 1.05V, RL = 150Ω to VDD / 2
2.027
2.1
2.163
TA = -40°C to
+85°C
2.316
2.4
2.472
Measured at output,
VDD = 3V,
0V
≤ VIN ≤ 1.2V,
RL = 150
Ω to -0.2V
TA = -40°C to
+125°C
2.292
2.472
Measured at output, VDD = 3V,
0V
≤ VIN ≤ 1.2V, RL = 150Ω to VDD / 2
2.316
2.4
2.472
Output Voltage Swing
Measured at output, VDD = 3.135V,
0V
≤ VIN ≤ 1.05V, RL = 75Ω to -0.2V
2.027
2.1
2.163
VP-P
Output Resistance
ROUT
VOUT = 1.3V, -5mA
≤ ILOAD ≤ +5mA
0.47
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com