Electronic Components Datasheet Search
  English  ▼

X  

MAX9513 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9513 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX9513 Datasheet HTML 7Page - Analog Devices MAX9513 Datasheet HTML 8Page - Analog Devices MAX9513 Datasheet HTML 9Page - Analog Devices MAX9513 Datasheet HTML 10Page - Analog Devices MAX9513 Datasheet HTML 11Page - Analog Devices MAX9513 Datasheet HTML 12Page - Analog Devices MAX9513 Datasheet HTML 13Page - Analog Devices MAX9513 Datasheet HTML 14Page - Analog Devices MAX9513 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
______________________________________________________________________________________
11
CVBS1
EXTCVBSIN
CVBSOUT1
CVBSIN
CVBSOUT2
GND
+3.3V
VDD
CLAMP
OFF
75
Ω
BUFFER
LOAD SENSE
6dB
75
Ω
LOAD SENSE
6dB
LPF
MAX9513
7
μA
NO VIDEO
SIGNAL
SHDN
INT/EXT
ACTIVE VIDEO
DETECT
SMARTSLEEP
CONTROL
LOGIC
+3.3V
+3.3V
OFF
OFF
OFF
OFF
OFF
OFF
CVBS2
CURRENT
DAC
Figure 2. Standby Mode
Standby Mode
In standby mode, the filter and output amplifiers are off,
and only the active video detect circuit is operational.
Quiescent current consumption is approximately 7µA
(Figure 2). The active video detect circuit checks
whether sync is present on the CVBSIN signal. If no
sync is detected, the device remains in standby mode.
Active-Detect Mode
The active video detect circuit slices the CVBSIN signal
at 4.7% of the power supply (155mV for a 3.3V supply).
If the transitions occur at a rate of 14.3kHz or higher, a
video signal is present. When the MAX9513 detects a
video signal with sync at the CVBSIN input, the control
logic enters the active-detect mode and enables the
load-sense circuitry (Figure 3). The supply current is
typically 17µA.
If an output load is not connected to any amplifier, the
MAX9513 remains in active-detect mode. Eight times per
second, each load-sense circuit checks for a load by
connecting an internal 15k
Ω pullup resistor to the output
for 1ms. If the output is pulled up, no load is present. If
the output stays low, a load is connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com