Electronic Components Datasheet Search
  English  ▼

X  

LT1787 Datasheet(PDF) 16 Page - Analog Devices

Part # LT1787
Description  Current Sense Amplifier, Reference and Comparator with POR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT1787 Datasheet HTML 12Page - Analog Devices LT1787 Datasheet HTML 13Page - Analog Devices LT1787 Datasheet HTML 14Page - Analog Devices LT1787 Datasheet HTML 15Page - Analog Devices LT1787 Datasheet HTML 16Page - Analog Devices LT1787 Datasheet HTML 17Page - Analog Devices LT1787 Datasheet HTML 18Page - Analog Devices LT1787 Datasheet HTML 19Page - Analog Devices LT1787 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT6118
16
6118f
For more information www.linear.com/LT6118
The comparator has one input available externally. The
other comparator input is connected internally to the
400mV precision reference. The input threshold (the
voltage which causes the output to transition from high
to low) is designed to be equal to that of the reference.
The reference voltage is established with respect to the
device V– connection.
Comparator Input
ThecomparatorinputcanswingfromV–to60Vregardless
of the supply voltage used. The input current for inputs
well above the threshold is just a few pAs. With decreas-
ing input voltage, a small bias current begins to be drawn
out of the input near the threshold, reaching 50nA max
when at ground potential. Note that this change in input
bias current can cause a small nonlinearity in the OUTA
transfer function if the comparator input is coupled to
the amplifier output with a voltage divider. For example,
if the maximum comparator input current is 50nA, and
the resistance seen looking out of the comparator input is
1k, then a change in output voltage of 50µV will be seen
on the analog output when the comparator input voltage
passes through its threshold.
applicaTions inForMaTion
Setting Comparator Threshold
Thecomparatorhasaninternal400mVprecisionreference.
In order to set the trip point of the LT6118 comparator as
configured in Figure 12, the input sense voltage at which
the comparator will trip, VSENSE(TRIP) must be calculated:
VSENSE(TRIP) = ISENSE(TRIP) • RSENSE
The selection of RIN is discussed in the Selection of Exter-
nal Input Gain Resistor RIN section. Once RIN is selected,
ROUT can be calculated:
ROUT = RIN
400mV
VSENSE(TRIP)
Since the amplifier output is connected directly to the
comparator input, the gain from VSENSE to VOUT is:
AV =
400mV
VSENSE(TRIP)
As shown in Figure 13, R2 can be used to increase the
gain from VSENSE to VOUT without changing VSENSE(TRIP).
As before, R1 can be easily calculated:
R1
= RIN
400mV
VSENSE(TRIP)
OUTA
IOUTA
–
+
V+
C1
SENSEHI
INC
6
7
8
5
6118 F12
V+
V+
V–
LT6118
SENSELO
LE
OUTC
1
2
3
4
VLE
RC
VPULLUP
LOAD
VSUPPLY
VSENSE
RSENSE
OVERCURRENT
FLAG
RIN
+
–
V–
ISENSE =
VSENSE
RSENSE
ROUT
CL
VOUT
400mV
REFERENCE
CLC
Figure 12. Basic Comparator Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com