Electronic Components Datasheet Search
  English  ▼

X  

LT1787 Datasheet(PDF) 21 Page - Analog Devices

Part # LT1787
Description  Current Sense Amplifier, Reference and Comparator with POR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT1787 Datasheet HTML 16Page - Analog Devices LT1787 Datasheet HTML 17Page - Analog Devices LT1787 Datasheet HTML 18Page - Analog Devices LT1787 Datasheet HTML 19Page - Analog Devices LT1787 Datasheet HTML 20Page - Analog Devices LT1787 Datasheet HTML 21Page - Analog Devices LT1787 Datasheet HTML 22Page - Analog Devices LT1787 Datasheet HTML 23Page - Analog Devices LT1787 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT6118
21
6118f
For more information www.linear.com/LT6118
Typical applicaTions
MCU Interfacing with Hardware Interrupts
SENSEHI SENSELO
OUTA
0.1
V+
100
LT6118
V–
TO LOAD
VOUT
ADC IN
8.66k
1.33k
INC
V+
LE
OUTC
6
1
5
4
8
7
2
3
VLE
6118 TA03
10k
5V
VOUT/ADC IN
AtMega1280
PB0
PB1
PCINT2
PCINT3
ADC2
PB5
5
6
7
2
3
1
OVERCURRENT ROUTINE
RESET COMPARATOR
MCU INTERUPT
OUTC GOES LOW
5V
0V
6118 TA03b
Example:
The comparator is set to have a 300mA overcurrent
threshold. The MCU will receive the comparator output as
a hardware interrupt and immediately run an appropriate
fault routine.
Simplified DC Motor Torque Control
The figure above shows a simplified DC motor control
circuit. The circuit controls motor current, which is pro-
portional to motor torque; the LT6118 is used to provide
current feedback to an integrator that servos the motor
current to the current set point. The LTC®6992 is used to
convert the output of the difference amp to the motors
PWM control signal.
SENSEHI SENSELO
OUTA
8
1
6
5
7
2
3
4
LT6118
V–
9k
100k
2
3
7 LTC6246
4
6
1
3
6
IRF640
5V
1N5818
0.1
VMOTOR
5
4
2
0.47µF
VOUT
CURRENT SET POINT (0V TO 5V)
1k
1M
6118 TA04
1k
78.7k
100k
280k
INC
V+
LE
OUTC
VLE
100µF
LTC6992-1
V+
GND
5V
1µF
BRUSHED
DC MOTOR
(0A TO 5A)
MABUCHI
RS-540SH
MOD
SET
OUT
DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com