Electronic Components Datasheet Search
  English  ▼

X  

HV232 Datasheet(PDF) 19 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 19 Page - Microchip Technology

Back Button HV232 Datasheet HTML 14Page - Microchip Technology HV232 Datasheet HTML 15Page - Microchip Technology HV232 Datasheet HTML 16Page - Microchip Technology HV232 Datasheet HTML 17Page - Microchip Technology HV232 Datasheet HTML 18Page - Microchip Technology HV232 Datasheet HTML 19Page - Microchip Technology HV232 Datasheet HTML 20Page - Microchip Technology HV232 Datasheet HTML 21Page - Microchip Technology HV232 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2024-2026 Microchip Technology Inc. and its subsidiaries
DS20005820B-page 19
HV232
RECOMMENDED LAND PATTERN
SILK SCREEN
C1
C2
E
X1
Y1
G
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-2026-L4X Rev D
28-Lead Plastic Leaded Chip Carrier (L4X) - Square [PLCC]
Dimension Limits
Units
C2
Contact Pad Spacing
Contact Pitch
INCHES
.050 BSC
MIN
E
MAX
.425
Contact Pad Length (X28)
Contact Pad Width (X28)
Y1
X1
.100
.026
NOM
C1
Contact Pad Spacing
.425
Contact Pad to Center Pad (X24)
G
.008
MILLIMETERS
1.27 BSC
MIN
MAX
10.80
2.54
0.66
NOM
10.80
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com