Electronic Components Datasheet Search
  English  ▼

X  

HV232 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV232 Datasheet HTML 5Page - Microchip Technology HV232 Datasheet HTML 6Page - Microchip Technology HV232 Datasheet HTML 7Page - Microchip Technology HV232 Datasheet HTML 8Page - Microchip Technology HV232 Datasheet HTML 9Page - Microchip Technology HV232 Datasheet HTML 10Page - Microchip Technology HV232 Datasheet HTML 11Page - Microchip Technology HV232 Datasheet HTML 12Page - Microchip Technology HV232 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2024-2026 Microchip Technology Inc. and its subsidiaries
DS20005820B-page 9
HV232
2.0
PIN DESCRIPTION
The description of pins in HV232 48-lead LQFP and
28-lead PLCC are listed in Table 2-1 and Table 2-2,
respectively. Refer to Package Types for the location
of pins.
TABLE 2-1:
48-LEAD LQFP PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
SW5B
SW terminal of analog switch 5B
2
NC
No connection
3
SW4A
SW terminal of analog switch 4A
4
NC
No connection
5
SW4B
SW terminal of analog switch 4B
6
NC
No connection
7
NC
No connection
8
SW3A
SW terminal of analog switch 3A
9
NC
No connection
10
SW3B
SW terminal of analog switch 3B
11
NC
No connection
12
SW2A
SW terminal of analog switch 2A
13
NC
No connection
14
SW2B
SW terminal of analog switch 2B
15
NC
No connection
16
SW1A
SW terminal of analog switch 1A
17
NC
No connection
18
SW1B
SW terminal of analog switch 1B
19
NC
No connection
20
SW0A
SW terminal of analog switch 0A
21
NC
No connection
22
SW0B
SW terminal of analog switch 0B
23
NC
No connection
24
VPP
High-voltage positive supply
25
VNN
High-voltage negative supply
26
NC
No connection
27
RGND
Ground for bleed resistor
28
GND
Ground
29
VDD
Logic supply voltage
30
NC
No connection
31
NC
No connection
32
NC
No connection
33
DIN
Data in logic input
34
CLK
Clock logic input for shift registers
35
LE
Latch enable logic input, low active
36
CLR
Latch clear logic input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com