Electronic Components Datasheet Search
  English  ▼

X  

HV232 Datasheet(PDF) 10 Page - Microchip Technology

Part # HV232
Description  8-Channel, Low-Charge-Injection, High-Voltage Analog Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV232 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV232 Datasheet HTML 6Page - Microchip Technology HV232 Datasheet HTML 7Page - Microchip Technology HV232 Datasheet HTML 8Page - Microchip Technology HV232 Datasheet HTML 9Page - Microchip Technology HV232 Datasheet HTML 10Page - Microchip Technology HV232 Datasheet HTML 11Page - Microchip Technology HV232 Datasheet HTML 12Page - Microchip Technology HV232 Datasheet HTML 13Page - Microchip Technology HV232 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HV232
DS20005820B-page 10
 2024-2026 Microchip Technology Inc. and its subsidiaries
37
DOUT
Data out logic output
38
NC
No connection
39
SW7A
SW terminal of analog switch 7A
40
NC
No connection
41
SW7B
SW terminal of analog switch 7B
42
NC
No connection
43
SW6A
SW terminal of analog switch 6A
44
NC
No connection
45
SW6B
SW terminal of analog switch 6B
46
NC
No connection
47
SW5A
SW terminal of analog switch 5A
48
NC
No connection
TABLE 2-2:
28-LEAD PLCC PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
SW3A
SW terminal of analog switch 3A
2
SW3B
SW terminal of analog switch 3B
3
SW2A
SW terminal of analog switch 2A
4
SW2B
SW terminal of analog switch 2B
5
SW1A
SW terminal of analog switch 1A
6
SW1B
SW terminal of analog switch 1B
7
SW0A
SW terminal of analog switch 0A
8
SW0B
SW terminal of analog switch 0B
9
NC
No connection
10
VPP
High-voltage positive supply
11
RGND
Ground for bleed resistor
12
VNN
High-voltage negative supply
13
GND
Ground
14
VDD
Logic supply voltage
15
NC
No connection
16
DIN
Data in logic input
17
CLK
Clock logic input for shift registers
18
LE
Latch enable logic input, low active
19
CLR
Latch clear logic input
20
DOUT
Data out logic output
21
SW7A
SW terminal of analog switch 7A
22
SW7B
SW terminal of analog switch 7B
23
SW6A
SW terminal of analog switch 6A
24
SW6B
SW terminal of analog switch 6B
25
SW5A
SW terminal of analog switch 5A
26
SW5B
SW terminal of analog switch 5B
27
SW4A
SW terminal of analog switch 4A
28
SW4B
SW terminal of analog switch 4B
TABLE 2-1:
48-LEAD LQFP PIN FUNCTION TABLE (CONTINUED)
Pin Number
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com