Electronic Components Datasheet Search
  English  ▼

X  

KAM1012 Datasheet(PDF) 2 Page - Multicomp Pro

Part # KAM1012
Description  Encapsulated PSU KAM10 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KAM1012 Datasheet(HTML) 2 Page - Multicomp Pro

  KAM1012 Datasheet HTML 1Page - Multicomp Pro KAM1012 Datasheet HTML 2Page - Multicomp Pro KAM1012 Datasheet HTML 3Page - Multicomp Pro KAM1012 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Encapsulated PSU
KAM10 Series
Page <2>
24/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specifications:
All specifications typical at nominal line, full load, 25°C unless otherwise noticed
Characteristics
Conditions
Minimum
Typical
Maximum
Unit
Switching frequency
Vi nominal, Io nominal
-
100
-
KHz
Isolation voltage
Input / output
3,000
-
-
V ac
Isolation resistance
Input / output, at 500 V dc
100
-
-
M
Ω
Ambient temperature
Operating at Vi nominal, Io nominal
-20
-
+71
°C
Case temperature
-
-
+80
-
Derating
Vi nominal, Io nominal +51 to +71°C
-
-
2
% / °C
Storage temperature
Non-operational
-40
-
+100
°C
MTBF
According to MIL-HDBK-217F, GF40
-
255,000
-
Hrs
Relative humidity
Vi nominal, Io nominal
-
-
95
% RH
Dimension
(L) 76.2 × (W) 50.8 × (H) 22.6
-
-
-
mm
Cooling
Free air convection
-
-
-
-
Case material
Plastic
-
-
-
-
Input Specifications
Characteristics
Conditions
Minimum
Typical
Maximum
Unit
Rated input voltage
Io nominal
85
-
265
V ac
Input voltage range
Io nominal
AC in
-
DC in
120
-
370
V dc
Line frequency
Vi nominal, Io nominal
47
-
63
Hz
Inrush current
Io nominal
Vi : 115 V ac
-
-
10
A
Vi : 230 V ac
-
-
18
Output Specifications
Characteristics
Conditions
Minimum
Typical
Maximum
Unit
Output voltage accuracy
Vi nominal, Io nominal
-
-
±2
%
Minimum load
Vi nominal
single output models
0
-
-
dual output models
(each output)
20
-
-
Line regulation
Io nominal, Vi minimum to Vi maximum
-
-
±1
Vi nominal
single output models
-
-
±2
Load regulation
Io minimum to Io nominal
dual output models
-
-
Transient recovery time
Vi nominal, Io nominal = I
⇔ 0.5 Io nominal
-
1,000
-
µS
Temperature coefficient
Vi nominal, Io nominal
-
-
±0.02
%/°C
Ripple and noise
Vi nominal, Io nominal,
BW = 20 MHz
3.3 V models
-
-
-100
mV
5 V to 24 V models
Vout x 1% p-p maximum
External trim ADJ Range
I) (for single output only)
Io = 5% to 100%
3.3 V models
-5
-
+5
%
5 V to 24 V models
-10
-
+10
Efficiency
Vi nominal, Io nominal, Po / Pi
Up to 78%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com