Electronic Components Datasheet Search
  English  ▼

X  

KAM1012 Datasheet(PDF) 1 Page - Multicomp Pro

Part # KAM1012
Description  Encapsulated PSU KAM10 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KAM1012 Datasheet(HTML) 1 Page - Multicomp Pro

  KAM1012 Datasheet HTML 1Page - Multicomp Pro KAM1012 Datasheet HTML 2Page - Multicomp Pro KAM1012 Datasheet HTML 3Page - Multicomp Pro KAM1012 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Encapsulated PSU
KAM10 Series
Page <1>
24/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• AC / DC power module
• Universal input 85 to 265 V ac
• High efficiency up to 78%
• Short circuit protection
• Internal input filter
• 2 years warranty
Block Diagram for KAM10 Series with Single Output
Block Diagram for KAM10 Series with Dual Output


Similar Part No. - KAM1012

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
KAM1012 CHINFA-KAM1012 Datasheet
389Kb / 4P
AC - DC POWER MODULE 10W UL / cUL / TUV / CE
KAM1012 CHINFA-KAM1012 Datasheet
224Kb / 4P
AC - DC POWER MODULE 10W UL / cUL / TUV / CE
KAM1012 CHINFA-KAM1012 Datasheet
217Kb / 4P
AC - DC POWER MODULE 10W SINGLE & DUAL OUTPUT
KAM1012D CHINFA-KAM1012D Datasheet
389Kb / 4P
AC - DC POWER MODULE 10W UL / cUL / TUV / CE
KAM1012D CHINFA-KAM1012D Datasheet
224Kb / 4P
AC - DC POWER MODULE 10W UL / cUL / TUV / CE
More results

Similar Description - KAM1012

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP135-KDAM1 FSP-FSP135-KDAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KEAM1 FSP-FSP135-KEAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KFAM1 FSP-FSP135-KFAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KGAM1 FSP-FSP135-KGAM1 Datasheet
126Kb / 1P
Medical PSU
FSP150-50LG FSP-FSP150-50LG Datasheet
147Kb / 1P
IPC PSU
FSP150-KAAM1 FSP-FSP150-KAAM1 Datasheet
147Kb / 1P
Medical PSU
FSP202-1K20M1 FSP-FSP202-1K20M1 Datasheet
158Kb / 1P
Medical PSU
FSP202-1K70M1 FSP-FSP202-1K70M1 Datasheet
159Kb / 1P
Medical PSU
FSP200-61DL FSP-FSP200-61DL_15 Datasheet
81Kb / 1P
IPC PSU
FSP200-KBCM1 FSP-FSP200-KBCM1 Datasheet
49Kb / 1P
Medical PSU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com