Electronic Components Datasheet Search
  English  ▼

X  

KAM1012 Datasheet(PDF) 4 Page - Multicomp Pro

Part # KAM1012
Description  Encapsulated PSU KAM10 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KAM1012 Datasheet(HTML) 4 Page - Multicomp Pro

  KAM1012 Datasheet HTML 1Page - Multicomp Pro KAM1012 Datasheet HTML 2Page - Multicomp Pro KAM1012 Datasheet HTML 3Page - Multicomp Pro KAM1012 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Encapsulated PSU
KAM10 Series
Page <4>
24/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Typical Resistor Values for Various Output Voltage Adjustment Settings
Type
Rext 1
Rext 2
Uo Nominal -5%
(K
Ω
Ω)
Uo Nominal -10%
(K
Ω
Ω)
Uo Nominal +5%
(K
Ω
Ω)
Uo Nominal +10%
(K
Ω
Ω)
KAM 1005
39
15
9.1
2.2
KAM 1012
51
20
10
2
KAM 1024
130
56
12
2
Specification Table
Description
Type
Input
Voltage
(V ac)
Output
Wattage
(Watts)
Output
Voltage
(V dc)
Output
Current
(mA)
EFF
(Typical)
(%)
EFF
(Minimum)
(%)
Part
Number
PSU,
Encapsulated
Single output
85 to 265
10
+5
2,000
72
70
KAM1005
+12
840
77
75
KAM1012
Dual output
+12
±420
KAM1012D
+15
±335
74
KAM1015D
Single output
+24
420
78
76
KAM1024



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com