Electronic Components Datasheet Search
  English  ▼

X  

AFD-01 Datasheet(PDF) 2 Page - Littelfuse

Part # AFD-01
Description  Circuit Protection & Interrupter Subassemblies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AFD-01 Datasheet(HTML) 2 Page - Littelfuse

  AFD-01 Datasheet HTML 1Page - Littelfuse AFD-01 Datasheet HTML 2Page - Littelfuse AFD-01 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
Littelfuse.com/AFD-01
©2025 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/12/2025
Circuit Protection & Interrupter Subassemblies
AFD-01 Series
Specifications
Relevant Product Standard
IEC 62606
Minimum Series Arc Fault Detection Level 2.5 A
DC Regulated Supply Voltage
5V ± 1%
Current consumption
< 10 mA
Rated Load Current
Up to 40 A
Fault Signal Output
Pulse (Imax = 5 mA) to trip PMR or SCR
Environmental Operating Conditions
-25 ºC to +85 ºC
Size (Width x Length x Height)
15 mm x 28 mm x 15 mm
Sensor Board Weight
< 6 g
Dimensions (Millimeters)
Handling Instructions
Care should be taken to ensure the correct connection of the AFD-01. Miswiring the product may cause permanent damage.
ESD Caution
PCBA contains ESD (electrostatic discharge) sensitive devices. Damage may occur on devices subjected to high-energy
ESD. Therefore, proper ESD precautions should be taken to avoid performance degradation or loss of functionality
Wiring Diagram
AFD-01 SYSTEM CONNECTION
PIN NO.
NAME
DESCRIPTION
5
+5 V DC Regulated Power Supply
4
GND
Ground
3
OUT
Trip Output Voltage
2
LED
“Fault” LED Output
1
Vin/Test Mains Input (via divider) / Test Buttom



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com