Electronic Components Datasheet Search
  English  ▼

X  

AFD-01 Datasheet(PDF) 1 Page - Littelfuse

Part # AFD-01
Description  Circuit Protection & Interrupter Subassemblies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AFD-01 Datasheet(HTML) 1 Page - Littelfuse

  AFD-01 Datasheet HTML 1Page - Littelfuse AFD-01 Datasheet HTML 2Page - Littelfuse AFD-01 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Littelfuse.com/AFD-01
©2025 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/12/2025
Circuit Protection & Interrupter Subassemblies
AFD-01 Series
Description
The AFD-01 is a compact, low-power sensor designed for detecting arc fault currents in 230 V ac, 50 Hz installations,
compliant with IEC 62606. It also provides programmable overvoltage protection via external resistors, meeting EN
50550 standards.
Engineered for integration into 18 mm-wide circuit breakers, the AFD-01 operates from a 5 V regulated dc supply and
supports load currents up to 40 A. It features a fault signal output that activates a PMR or SCR, along with an LED
indicator for visual fault confirmation. The sensor includes a continuous automatic self-test to ensure reliable operation,
and a manual test function is available via the Vin/Test pin for additional diagnostics.
Features & Benefits
FEATURES
BENEFITS
Arc Fault Detection
Fast response per IEC 62606 for enhanced safety
Overvoltage Protection
Programmable via external resistors; compliant with EN 50550
Compact Footprint
Designed for integration into 18 mm-wide circuit breakers
Applications
• Switchgear
• Motor Control Centres
Ordering Information
CATALOG #
DESCRIPTION
90165
AFD-01 AC Arc Fault Current Detector
AC Arc Fault Detector


Similar Part No. - AFD-01

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AFD1000RE OHMITE-AFD1000RE Datasheet
43Kb / 1P
Epoxy Molded Precision Wirewound Axial Terminals
logo
Systemsensor advanced i...
AFD20 SYSTEMSENSOR-AFD20 Datasheet
368Kb / 2P
Solid StateWaterflow Detectors
AFD25 SYSTEMSENSOR-AFD25 Datasheet
368Kb / 2P
Solid StateWaterflow Detectors
logo
Arch Electronics Corp.
AFD25 ARCH-AFD25 Datasheet
207Kb / 2P
Switching Power Module for PCB Mountable
AFD25-12S ARCH-AFD25-12S Datasheet
207Kb / 2P
Switching Power Module for PCB Mountable
More results

Similar Description - AFD-01

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSW1C50 POWERSEM-PSW1C50 Datasheet
87Kb / 2P
Single Phase AC Controller Subassemblies
PSW1C75 POWERSEM-PSW1C75 Datasheet
88Kb / 2P
Single Phase AC Controller Subassemblies
PSW1C112 POWERSEM-PSW1C112 Datasheet
114Kb / 2P
Single Phase AC Controller Subassemblies
PSW1C142 POWERSEM-PSW1C142 Datasheet
109Kb / 2P
Single Phase AC Controller Subassemblies
PSW1C176 POWERSEM-PSW1C176 Datasheet
109Kb / 2P
Single Phase AC Controller Subassemblies
PSW1C206 POWERSEM-PSW1C206 Datasheet
85Kb / 2P
Single Phase AC Controller Subassemblies
PSW3C95 POWERSEM-PSW3C95 Datasheet
119Kb / 2P
Three Phase AC Controller Subassemblies
logo
ON Semiconductor
NCS37000 ONSEMI-NCS37000 Datasheet
134Kb / 8P
Ground Fault Circuit Interrupter (GFCI)
December, 2012 ??Rev. 0
NCS37020 ONSEMI-NCS37020 Datasheet
284Kb / 13P
Self-Test Appliance Leakage Circuit Interrupter (ALCI)
February, 2020 ??Rev. 1
NCS37015 ONSEMI-NCS37015 Datasheet
234Kb / 10P
Self Test Ground Fault Circuit Interrupter (GFCI)
July, 2022 - Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com