Electronic Components Datasheet Search
  English  ▼

X  

AFD-01 Datasheet(PDF) 3 Page - Littelfuse

Part # AFD-01
Description  Circuit Protection & Interrupter Subassemblies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AFD-01 Datasheet(HTML) 3 Page - Littelfuse

  AFD-01 Datasheet HTML 1Page - Littelfuse AFD-01 Datasheet HTML 2Page - Littelfuse AFD-01 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
Littelfuse.com/AFD-01
©2025 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/12/2025
Circuit Protection & Interrupter Subassemblies
AFD-01 Series
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for
their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
Standards Conformity & Certifications
Product Safety Certifications
Products tested, compliant and certified to the following standards that states the requirements for electrical products to
ensure they are safe for consumers to use.
CERTIFICATION
BODY MARK
CERTIFICATION
BODY NAME
CERTIFICATION DESCRIPTION
STANDARDS COVERED BY THE CERTIFICATION
IEC
Conformity with the international standard for arc
fault detection devices (AFDDs) for household and
similar uses, intended to be used in ac circuits for
rated voltages not exceeding 440 V ac with rated
frequencies of 50 Hz, 60 Hz, or 50/60 Hz and rated
currents not exceeding 63 A.
IEC 62606
Related Products
RCM20-01: 6 mA dc Detection to IEC 62955, Mode 3, 20 mm CT Aperture
RCM14-01 System: 6 mA dc Detection to IEC 62955, Mode 3, 14 mm CT Aperture
Type B System 4P 30mA: Type B 4-Pole Sensor Board + Current Transformer (IEC 62423 (EN62423)
Type EV System 4P 6mA: Type EV 4-Pole Sensor Board + Current Transformer (IEC 62955)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com