Electronic Components Datasheet Search
  English  ▼

X  

FST3125MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FST3125MTC
Description  4-Bit Bus Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3125MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FST3125MTC Datasheet HTML 1Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 2Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 3Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 4Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 5Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 6Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 7Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 8Page - Fairchild Semiconductor FST3125MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3125 • Rev. 1.0.3
5
AC Loadings and Waveforms
Notes: Input driven by 50
Ω source terminated in 50Ω.
CL includes load and stray capacitance.
Input PRR = 1.0MHz, tw = 500ns.
Figure 4. AC Test Circuit
Figure 5. AC Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com