Electronic Components Datasheet Search
  English  ▼

X  

MPF0900AMDA0ES Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 15Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 16Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 17Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 18Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 19Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 20Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 21Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 22Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
11.2 State descriptions
11.2.1 VIN cold boot initialization
When the VIN is applied for the first time (VIN crossing the VIN_POR_RISE threshold), the PF09 will automatically
perform an initialization sequence prior to evaluating a power-up event. If no power-on event is present after
the initialization sequence, the device will move to the corresponding low-power state based on the mode of
operation of the PWRON pin set in the OTP registers.
If the VAON is configured as an always-on supply, the VAON regulator will be enabled as part of the initialization
sequence to ensure the supply is up in regulation by the time the system is ready to request a power-up event.
In devices targeting a high safety integrity level (ASIL/SIL) where the LBIST routine is available, the logic self-
test routine is performed as part of the fuse loading routine to ensure the logic gates controlling the functional
safety mechanism are healthy at power up.
In devices targeting a quality management (QM) safety integrity level or low safety integrity levels where the
LBIST routine is not be available, the logic controller will proceed to the LPOFF state right after the fuse loading
routine is finished.
During the fuse loading, the OTP registers implement a CRC verification to ensure there are no flip bits at
power-up. If an OTP loading error is detected, the corresponding fault flag (_NOK - Register Address Flags:
0x2D) is asserted high and the system will not be allowed to proceed to normal operation to prevent unsafe
operation.
When the state machine enters the LPOFF state, the device will be ready to evaluate the power-on event to
proceed with the power-up sequence.
Symbol
Description
Min
Typ
Max
Unit
VIN_POR_RISE VIN power-on reset threshold (rising)
2.7
2.8
2.9
V
VIN_POR_FALL VIN power-on reset threshold (falling)
2.5
2.6
2.7
V
Table 12. VIN_POR thresholds
11.2.2 ULPOFF state
The ULPOFF (Ultra-low power off) state is provided to allow the PMIC to remain in an OFF condition with
minimum functional operation, minimum quiescent current and the ability to wake up if the PWRON pin is
asserted high.
If the VAON is set as an always-on regulator, the configuration of the VAON regulator is maintained during the
ULPOFF state as long as the VIN does not fall below the VIN_POR_FALL threshold.
When the device successfully disables the internal VDIG supply in the ULPOFF state, it is expected that all
notification flags will be lost and reset to the default state once a wake-up event is present.
11.2.3 LPOFF state
During the LPOFF (Low-power off) state, only the VAON regulator can be enabled if it is configured as an
always-on supply via the OTP configuration. All other system regulators will remain disabled until the power-up
sequence is started.
In the LPOFF state, the PF09 is able to evaluate a power-on event on the PWRON pin, based on the
configuration selected by the OTP_PWRON_MODE bit.
In a system using the PWRON pin in level sensitive mode, the LPOFF state becomes a transitory state upon a
wake-up event detected in the ULPOFF state. This allows the system to take advantage of the lowest quiescent
current in the ULPOFF state when the device is intended to remain in the OFF condition.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
19 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com