Electronic Components Datasheet Search
  English  ▼

X  

MPF0900AMDA0ES Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 80Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 81Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 82Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 83Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 84Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 85Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 86Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 87Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
12.8.14 I2C Interface
Communication with the PF09 is done through a standard I2C protocol supporting various speeds to match
various system requirements.
The SDA and SCL pins must be pulled up externally to VDDIO, and the selection of the external pullup resistors
will depend on the maximum speed used in the system, as shown in the table below.
I2C mode
Speed
Pullup resistor
Access mode
Standard mode (Sm)
100 kbit/s
2.2 kΩ to 4.7 kΩ
Standard
Fast mode (Fm)
400 kbit/s
2.2 kΩ to 4.7 kΩ
Standard
Fast mode plus (Fm+)
1 Mbit/s
2.2 kΩ
Standard
High-speed mode (HS)
3.4 Mbit/s
0.8 kΩ
Single-byte “controller code” required
Table 100. I2C mode of operations
The PF09 High-speed mode (3.4 Mbit/s) is compatible with normal I2C devices on the same bus, but requires
the controller to have an active pullup on the clock line, which is enabled during high-speed transfers. All high-
speed transfers must be preceded by a single-byte "controller code" at fast or standard speed, to request the
high-speed target devices to change to high-speed timing rules. This ensures that fast or normal speed devices
will not try to participate in the transfer. For more details on the I2C protocol refer to the I2C-bus specification
and user manual UM10204 available at https://www.nxp.com/.
The PF09 provides full I2C access during the RUN and the monitored STANDBY states. In the low-power
STANDBY state, the PF09 features I2C communication on demand. This allows the PMIC to turn on the internal
clock when an I2C transaction is started by the controller, perform the I2C command, and disable the internal
clock when the bus goes idle, hence allowing the lowest power consumption during the low-power STANDBY
state.
The default I2C device address is set in OTP during the part definition stage via the OTP_I2C_ADD[2:0] bit field.
OTP_I2C_ADD[2:0]
Device address
000
0x08
001
0x09
010
0x0A
011
0x0B
100
0x0C
101
0x0D
110
0x0E
111
0x0F
Table 101. Setting up the I2C device address
During an I2C transaction, the communication will latch after the eighthth bit of the last byte in the package is
sent. If the data sent is not a multiple of eight bits and/or a bad I2C transaction is detected, the device will ignore
the command and wait for a valid I2C transaction.
The device features a burst modeoperation to read or write multiple contiguous registers without having to start
a new transaction each time.
For more details on the I2C data package structure, please refer to the AN13107, PF series PMIC I2C-bus
communication overview application note found at https://www.nxp.com/.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
84 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com