Electronic Components Datasheet Search
  English  ▼

X  

MPF0900AMDA0ES Datasheet(PDF) 81 Page - NXP Semiconductors

Part # MPF0900AMDA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMDA0ES Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button MPF0900AMDA0ES Datasheet HTML 77Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 78Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 79Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 80Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 81Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 82Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 83Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 84Page - NXP Semiconductors MPF0900AMDA0ES Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
System requirements must be taken into account when selecting the pullup voltage and resistance. To prevent
the output from being pulled high in the ULPOFF state, the selection must ensure that the pullup voltage is not
present during off condtions.
When the output is set as a push-pull driver, the PF09 will use the VIN internally to set the high state on the
GPIO4 pin.
The GPIO4 uses the OTP_SEQ_TBASE[1:0] and the OTP_GPO4_SEQ[7:0] bits, to enable the GPO by default
at a specific time slot during the power-up sequence. Refer to section 16.3.3 Regulator Power-up Sequence, for
a detailed description of the Power up sequence.
The GPIO4 pin is designed to have independent control configuration during the RUN and the STANDBY states,
to allow full control of the GPIO4 when going in and out of the STANDBY state.
In the RUN state, the level of the GPIO4 pin can be controlled manually via the GPIO4_RUN bit.
GPIO4_RUN
GPIO4 state
0
Low
1
High
Table 97. GPIO4 state in RUN
In the STANDBY state, the level of the GPIO4 pin can be controlled manually via the GPIO4_STBY bit.
GPIO4_STBY
GPIO4 state
0
Low
1
High
Table 98. GPIO4 state in STANDBY
12.8.13 XFAILB
XFAILB is a bidirectional pin with an open-drain output. The XFAILB is able to accept a pullup voltage from 1.4
V to 5.5 V, typically pulled up to VANA in order to reduce current consumption during the Low-power off state.
Additionally, a 100 nF capacitor is recommended to improve the EMC performance.
The OTP_XFAILB_EN bit is used to enable or disable the XFAILB mode of operation.
OTP_XFAILB_EN
XFAIL operation
0
Disabled
1
Enabled
Table 99. XFAIL operation
When the XFAILB mode is disabled, a transition on the XFAILB pin is ignored during the power-up or SYSTEM
ON states. Because of this, no synchronization is possible.
When the XFAILB mode is enabled, the XFAILB pin is used to synchronize two or more PMICs during power-up
and power-down events.
12.8.13.1 Power-up synchronization
During the OFF states, the XFAILB pin is asserted low internally. It will remain asserted during the PWRON
event until it is ready to start the power-up sequence. Once the device meets all the conditions to start the
power-up sequence, the XFAILB is released internally.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
81 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com