Electronic Components Datasheet Search
  English  ▼

X  

AD4086 Datasheet(PDF) 91 Page - Analog Devices

Part # AD4086
Description  14-Bit, 40 MSPS, Low Noise, Low Power SAR ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4086 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD4086 Datasheet HTML 83Page - Analog Devices AD4086 Datasheet HTML 84Page - Analog Devices AD4086 Datasheet HTML 85Page - Analog Devices AD4086 Datasheet HTML 86Page - Analog Devices AD4086 Datasheet HTML 87Page - Analog Devices AD4086 Datasheet HTML 88Page - Analog Devices AD4086 Datasheet HTML 89Page - Analog Devices AD4086 Datasheet HTML 90Page - Analog Devices AD4086 Datasheet HTML 91Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 91 / 91 page
background image
Data Sheet
AD4086
OUTLINE DIMENSIONS
Legal Terms and Conditions
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of
patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or
patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and
availability.
analog.com
Rev. 0 | 91 of 91
Package Drawing (Option)
Package Type
Package Description
BC-49-8
CSP BGA (Chip Scale)
49-Ball Chip Scale Package Ball Grid Array
For the latest package outline information and land patterns (footprints), go to Package Index.
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
AD4086BBCZ
−40°C to +85°C
49-Ball Chip Scale Package Ball Grid Array (CSP_BGA) Tray, 490
BC-49-8
AD4086BBCZ-RL
−40°C to +85°C
49-Ball Chip Scale Package Ball Grid Array (CSP_BGA) Reel, 4000
BC-49-8
AD4086BBCZ-RL7
−40°C to +85°C
49-Ball Chip Scale Package Ball Grid Array (CSP_BGA) Reel, 1000
BC-49-8
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com