Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS85NPPR Datasheet(PDF) 21 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 17Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 18Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 19Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 20Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 21Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 22Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 23Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 24Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vmin
Output voltage low including undershoot
PCIe AC test load(1)
–100
100
mV
VOH
Output voltage high
PCIe AC test load(1)
670
820
mV
VOL
Output voltage low
PCIe AC test load(1)
–100
100
mV
Zdiff
Differential output DC impedance
VDD = 3.3 V
95
100
105
Ω
VDD = 1.8 V
95
100
105
Ω
dV/dt
Output slew rate
Measured from –150 mV to +150 mV
on the differential waveform. Lowest slew
rate(1) (7)
1.5
2.2
V/ns
Measured from –150 mV to +150 mV on
the differential waveform. Low slew rate(1)
(7)
1.8
2.6
V/ns
Measured from –150 mV to +150 mV
on the differential waveform. High slew
rate(1) (7)
2
2.9
V/ns
Measured from –150 mV to +150 mV on
the differential waveform. Highest slew
rate(1) (7)
2.4
4
V/ns
∆dV/dt
Rising edge rate to falling edge rate
matching
PCIe AC test load(1)
10
%
DCD
Duty cycle distortion
Measured on the differential waveform.
Input duty cycle = 50%(1)
–1
1
%
Vcross
Absolute crossing point voltage
PCIe AC test load(1)
250
550
mV
∆Vcross
Variation of Vcross over all clock edges
PCIe AC test load(1)
140
mV
|VRB|
Absolute value of ring back voltage as
defined in PCIe
PCIe AC test load(1)
100
mV
tstable
Time before VRB is allowed
PCIe AC test load(1)
500
ps
CLOCK OUTPUT CHARACTERISTICS - non-PCIe
VOH
Output voltage high
Output swing programmed to 800 mV. f0
= 156.25 MHz or 312.5 MHz
720
880
mV
VOL
Output voltage low
–120
120
mV
VOH
Output voltage high
Output swing programmed to 900 mV. f0 =
156.25 MHz or 312.5 MHz
780
980
mV
VOL
Output voltage low
–120
120
mV
tR, tF
Rise/fall time on single-ended waveform,
20% to 80%
Output swing programmed to 800 mV.
Fastest slew rate. f0 = 156.25 MHz or
312.5 MHz
340
ps
Output swing programmed to 900 mV.
Fastest slew rate. f0 = 156.25 MHz or
312.5 MHz
370
ps
DCD
Duty cycle distortion
Input duty cycle = 50%
–1
1
%
CLOCK OUTPUT CHARACTERISTICS - 100 MHz 85 Ω PCIe (LMKDB1120FS, LMKDB1108FS, LMKDB1104FS)
VOH,AC
Output voltage high
DB2000QL AC test load(6)
670
820
mV
VOL,AC
Output voltage low
–100
100
mV
Vmax,AC
Output max voltage (including overshoot)
670
920
mV
Vmin,AC
Output min voltage (including undershoot)
–100
100
mV
VOH,DC
Output voltage high with DC test load
DB2000QL DC test load(2)
225
270
mV
VOL,DC
Output voltage low with DC test load
10
150
mV
Vovs,DC
Output overshoot voltage with DC test
load
75
mV
Vuds,DC
Output undershoot voltage with DC test
load
–75
mV
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855F – NOVEMBER 2023 – REVISED NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com